Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS90 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LS90
Description  Decade and Binary Counters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LS90 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  74LS90 Datasheet HTML 1Page - National Semiconductor (TI) 74LS90 Datasheet HTML 2Page - National Semiconductor (TI) 74LS90 Datasheet HTML 3Page - National Semiconductor (TI) 74LS90 Datasheet HTML 4Page - National Semiconductor (TI) 74LS90 Datasheet HTML 5Page - National Semiconductor (TI) 74LS90 Datasheet HTML 6Page - National Semiconductor (TI) 74LS90 Datasheet HTML 7Page - National Semiconductor (TI) 74LS90 Datasheet HTML 8Page - National Semiconductor (TI) 74LS90 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
’LS93 Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted) (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
IIL
Low Level Input
VCC e Max VI e 04V
Reset
b
04
Current
A
b
24
mA
B
b
16
IOS
Short Circuit
VCC e Max (Note 2)
b
20
b
100
mA
Output Current
ICC
Supply Current
VCC e Max (Note 3)
9
15
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
Note 3
ICC is measured with all outputs open both RO inputs grounded following momentary connection to 45V and all other inputs grounded
Note 4
QA outputs are tested at IOL e max plus the limit value of IIL for the B input This permits driving the B input while maintaining full fan-out capability
’LS93 Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 2kX
Symbol
Parameter
To (Output)
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
fMAX
Maximum Clock
A to QA
32
20
MHz
Frequency
BtoQB
16
10
tPLH
Propagation Delay Time
AtoQA
16
20
ns
Low to High Level Output
tPHL
Propagation Delay Time
AtoQA
18
24
ns
High to Low Level Output
tPLH
Propagation Delay Time
AtoQD
70
85
ns
Low to High Level Output
tPHL
Propagation Delay Time
AtoQD
70
90
ns
High to Low Level Output
tPLH
Propagation Delay Time
BtoQB
16
23
ns
Low to High Level Output
tPHL
Propagation Delay Time
BtoQB
21
30
ns
High to Low Level Output
tPLH
Propagation Delay Time
BtoQC
32
37
ns
Low to High Level Output
tPHL
Propagation Delay Time
BtoQC
35
44
ns
High to Low Level Output
tPLH
Propagation Delay Time
BtoQD
51
60
ns
Low to High Level Output
tPHL
Propagation Delay Time
BtoQD
51
70
ns
High to Low Level Output
tPHL
Propagation Delay Time
SET-0 to
40
52
ns
High to Low Level Output
Any Q
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com