Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2453 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SD2453
Description  Silicon NPN triple diffusion planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2453 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD2453 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2453 Datasheet HTML 2Page - Panasonic Semiconductor 2SD2453 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD2453
2
SJD00268AED
VCE(sat)  IC
hFE  IC
fT  IC
PC  Ta
IC  VCE
IC  VBE
Safe operation area
0
12
10
8
6
4
2
0
200
40
80
160
120
Ambient temperature T
a (°C)
Without heat sink
012
210
48
6
0
0.2
0.4
0.6
1.0
0.8
Collector-emitter voltage V
CE (V)
TC=25˚C
IB=1.2mA
0.1mA
0.2mA
0.3mA
0.4mA
0.5mA
0.6mA
0.7mA
1mA
01.2
0.2
1.0
0.4
0.8
0.6
0
1
2
3
5
4
Base-emitter voltage V
BE (V)
TC=100˚C
25˚C
–25˚C
0.01
0.01
0.1
1
10
100
0.1
1
10
Collector current I
C (A)
IC/IB=40
TC=100˚C
25˚C
–25˚C
0.01
0.1
1
10
1
10
102
103
104
Collector current I
C (A)
VCE=4V
TC=100˚C
25˚C
–25˚C
0.01
0.1
1
10
1
10
102
103
104
Collector current I
C (A)
VCE=12V
f=200MHz
TC=25˚C
0.01
1
0.1
1
10
100
10
100
1 000
Collector-emitter voltage V
CE (V)
ICP
IC
t=10ms
t=1s
t=1ms
Non repetitive pulse
TC=25˚C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com