Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT11021 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11021
Description  DUAL 4-INPUT POSITIVE-AND GATES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11021 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11021 Datasheet HTML 1Page - Texas Instruments 74ACT11021 Datasheet HTML 2Page - Texas Instruments 74ACT11021 Datasheet HTML 3Page - Texas Instruments 74ACT11021 Datasheet HTML 4Page - Texas Instruments 74ACT11021 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54ACT11021, 74ACT11021
DUAL 4INPUT POSITIVEAND GATES
SCAS012B − D2957, JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
• Inputs Are TTL-Voltage Compatible
• Flow-Through Architecture Optimizes
PCB Layout
• Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
• EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
• 500-mA Typical Latch-Up Immunity at 125°C
• Package Options Include Plastic Small-
Outline Packages, Ceramic Chip Carriers,
and Standard Plastic and Ceramic 300-mil
DIPs
description
These devices contain two independent 4-input
AND gates. They perform the Boolean functions
Y = A
SBSCSD or Y = A + B + C + D in positive logic.
The 54ACT11021 is characterized for operation
over the full military temperature range of − 55
°C
to 125
°C. The 74ACT11021 is characterized for
operation from − 40
°C to 85°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
D
OUTPUT
Y
H
H
H
H
H
L
XX
X
L
X
LX
X
L
X
XL
X
L
X
X
X
L
L
logic symbol†
&
3
5
1Y
2Y
1A
1B
1C
1D
2A
2B
2C
2D
2
1
13
12
10
9
7
6
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
logic diagram (positive logic)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1B
1A
1Y
GND
2Y
2D
2C
NC
1C
1D
VCC
2A
2B
NC
54ACT11021 ...J PACKAGE
74ACT11021 ...D OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
2B
NC
NC
NC
2C
NC
NC
1B
NC
1A
54ACT11021 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1A
1B
1C
1D
1Y
2A
2B
2C
2D
2Y
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard
warranty. Production processing does not necessarily include testing of all
parameters.


Similar Part No. - 74ACT11021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11021 TI-74ACT11021 Datasheet
68Kb / 5P
DUAL 4-INPUT POSITIVE-AND GATES
74ACT11021D TI-74ACT11021D Datasheet
68Kb / 5P
DUAL 4-INPUT POSITIVE-AND GATES
74ACT11021DR TI-74ACT11021DR Datasheet
68Kb / 5P
DUAL 4-INPUT POSITIVE-AND GATES
74ACT11021N TI-74ACT11021N Datasheet
68Kb / 5P
DUAL 4-INPUT POSITIVE-AND GATES
More results

Similar Description - 74ACT11021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F21 TI-SN54F21 Datasheet
67Kb / 5P
DUAL 4-INPUT POSITIVE-AND GATES
SN54LS21 TI-SN54LS21 Datasheet
509Kb / 12P
DUAL 4-INPUT POSITIVE-AND GATES
logo
Hitachi Semiconductor
HD74LV21A HITACHI-HD74LV21A Datasheet
54Kb / 12P
Dual 4-input Positive AND Gates
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
DUAL 4-INPUT POSITIVE AND GATES
logo
Texas Instruments
SN54HC21 TI-SN54HC21_06 Datasheet
425Kb / 14P
DUAL 4-INPUT POSITIVE-AND GATES
SN54LV21A TI-SN54LV21A_04 Datasheet
318Kb / 11P
DUAL 4-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LV21A RENESAS-HD74LV21A Datasheet
70Kb / 9P
Dual 4-input Positive AND Gates
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
Dual 4-input Positive AND Gates
logo
Texas Instruments
SN54LS21 TI1-SN54LS21_15 Datasheet
840Kb / 16P
DUAL 4-INPUT POSITIVE-AND GATES
SN54ALS21A TI1-SN54ALS21A_18 Datasheet
1Mb / 17P
DUAL 4-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com