Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1100-RTR1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100-RTR1
Description  Low-Power Sub- 1 GHz RF Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1100-RTR1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC1100-RTR1 Datasheet HTML 11Page - Texas Instruments CC1100-RTR1 Datasheet HTML 12Page - Texas Instruments CC1100-RTR1 Datasheet HTML 13Page - Texas Instruments CC1100-RTR1 Datasheet HTML 14Page - Texas Instruments CC1100-RTR1 Datasheet HTML 15Page - Texas Instruments CC1100-RTR1 Datasheet HTML 16Page - Texas Instruments CC1100-RTR1 Datasheet HTML 17Page - Texas Instruments CC1100-RTR1 Datasheet HTML 18Page - Texas Instruments CC1100-RTR1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 100 page
background image
CC1100
SWRS038D
Page 15 of 92
4.5
Low Power RC Oscillator
Tc = 25
°C, VDD = 3.0 V if nothing else is stated. All measurement results obtained using the CC1100EM reference designs ([5]
and [6]).
Parameter
Min
Typ
Max
Unit
Condition/Note
Calibrated frequency
34.7
34.7
36
kHz
Calibrated RC Oscillator frequency is XTAL
frequency divided by 750
Frequency accuracy after
calibration
±1
%
Temperature coefficient
+0.5
% /
°C
Frequency drift when temperature changes after
calibration
Supply voltage coefficient
+3
% / V
Frequency drift when supply voltage changes after
calibration
Initial calibration time
2
ms
When the RC Oscillator is enabled, calibration is
continuously done in the background as long as
the crystal oscillator is running.
Table 8: RC Oscillator Parameters
4.6
Frequency Synthesizer Characteristics
Tc = 25
°C @ VDD = 3.0 V if nothing else is stated. All measurement results are obtained using the CC1100EM reference
designs ([5] and [6]). Min figures are given using a 27 MHz crystal. Typ and max are given using a 26 MHz crystal.
Parameter
Min
Typ
Max
Unit
Condition/Note
Programmed frequency
resolution
397
FXOSC/
2
16
412
Hz
26-27 MHz crystal.
The resolution (in Hz) is equal for all frequency
bands.
Synthesizer frequency
tolerance
±40
ppm
Given by crystal used. Required accuracy
(including temperature and aging) depends on
frequency band and channel bandwidth /
spacing.
RF carrier phase noise
–89
dBc/Hz
@ 50 kHz offset from carrier
RF carrier phase noise
–89
dBc/Hz
@ 100 kHz offset from carrier
RF carrier phase noise
–90
dBc/Hz
@ 200 kHz offset from carrier
RF carrier phase noise
–98
dBc/Hz
@ 500 kHz offset from carrier
RF carrier phase noise
–107
dBc/Hz
@ 1 MHz offset from carrier
RF carrier phase noise
–113
dBc/Hz
@ 2 MHz offset from carrier
RF carrier phase noise
–119
dBc/Hz
@ 5 MHz offset from carrier
RF carrier phase noise
–129
dBc/Hz
@ 10 MHz offset from carrier
PLL turn-on / hop time
85.1
88.4
88.4
µs
Time from leaving the IDLE state until arriving in
the RX, FSTXON or TX state, when not
performing calibration.
Crystal oscillator running.
PLL RX/TX settling time
9.3
9.6
9.6
µs
Settling time for the 1·IF frequency step from RX
to TX
PLL TX/RX settling time
20.7
21.5
21.5
µs
Settling time for the 1·IF frequency step from TX
to RX
PLL calibration time
694
721
721
µs
Calibration can be initiated manually or
automatically before entering or after leaving
RX/TX.
Table 9: Frequency Synthesizer Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com