Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3B17-03 Datasheet(PDF) 1 Page - Analog Devices

Part # 3B17-03
Description  Wide Bandwidth LVDT/RVDT Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B17-03 Datasheet(HTML) 1 Page - Analog Devices

  3B17-03 Datasheet HTML 1Page - Analog Devices 3B17-03 Datasheet HTML 2Page - Analog Devices 3B17-03 Datasheet HTML 3Page - Analog Devices 3B17-03 Datasheet HTML 4Page - Analog Devices 3B17-03 Datasheet HTML 5Page - Analog Devices 3B17-03 Datasheet HTML 6Page - Analog Devices 3B17-03 Datasheet HTML 7Page - Analog Devices 3B17-03 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Wide Bandwidth LVDT/RVDT Input
3B17
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Isolates, amplifies, & filters signals from 4-, 5, or 6-wire
Linear Variable Displacement Transformers (LVDTs).
Isolates, amplifies, & filters signals from Rotary Variable
Displacement Transformers (RVDT).
Provides an AC excitation voltage of 1V rms to 5V rms at
frequencies between 1 kHz and 10kHz.
Module circuitry can withstand 130v rms at the input screw-
terminals.
All 3B17 series modules are mix-and-match and Hot
Swappable.
APPLICATIONS
Industrial signal amplification
Industrial signal isolation
Industrial signal filtering
PRODUCT OVERVIEW
The 3B Series of Signal Conditioning I/o Subsystems provide a
low-cost, versatile method of transferring analog transducer
signals to a data acquisition, monitoring or control system
without the inherent noise, non-linearity, drift and extraneous
voltages. The modules are designed to directly accept analog
signals from Thermocouples, RTD’s, AC and DC Strain Gages,
Torque Transducers, Frequency Transducers, LVDTs, millivolt
or process current signals. The modules amplify, isolate,
linearize and convert the transducer output signals to
standardized analog inputs for high-level analog I/O
subsystems. The 3B Series Subsystem consists of a 10” relay
rack with universal mounting backplane and a family of plug-in
(up to 16 per rack) input and output signal conditioning
modules.
Eight and four channel backplanes are also available. Each
backplane incorporates screw terminals for sensor inputs and
current outputs and a 26-pin connector for high-level single-
ended voltage outputs to the user’s equipment.
The input modules feature complete signal conditioning
circuitry optimized for specific sensors or analog signals and
provide two simultaneous high-level analog outputs: 0 to +10V
(or +10V) and 4-20 mA (or 0-20 mA).
FUNCTIONAL BLOCK DIAGRAM
Figure 1. 3B17 Functional Block Diagram
Output modules accept 0 to +10V (or +10V) single-ended
signals and provide an isolated 4-20 mA (or 0-20 mA) process
signal. All modules feature a universal pin-out and may be
readily hot-swapped under full power and interchanged without
disrupting field wiring.
The Analog Devices 3B Series Signal Conditioning Subsystem is
designed to easily handle signal conditioning problems in
measurement and control applications. Some typical uses are in
microcomputer-based data acquisition systems, programmable
controllers, analog recorders, dedicated control systems, and any
other applications where monitoring of temperature, pressure,
flow and analog signals are required. Since each input module
features two simultaneous outputs, the voltage output can be
used to provide an input to a microprocessor-based data
acquisition or control system while the current output can be
used for analog transmission, operator interface, or an analog
backup system.
Each input module is a single-channel signal conditioner which
plugs into a socket on the backplane and accepts its signal from
the input screw terminals. All input modules provide input
protection, amplification and filtering of the input signal,
accuracy of +0.1%, low drift of +1 uV/oC (low-level input
modules), and feature two high-level analog outputs that are
compatible with most process instrumentation. The isolated
input modules also provide +1500 V peak isolation.
The choice of a specific 3B module depends upon the type of
input signal. Input modules are available to accept millivolt, volt,
process current, thermocouple, RTD, AC and DC strain gage,
frequency and LVDT inputs. The voltage output of each module
is available from the system I/O connector while the current
output is available on the output screw terminals.


Similar Part No. - 3B17-03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B17 AD-3B17_15 Datasheet
360Kb / 8P
Wide Bandwidth LVDT/RVDT Input
REV. 0
More results

Similar Description - 3B17-03

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF451 NSC-LF451 Datasheet
207Kb / 8P
LF451 Wide-Bandwidth JFET-Input Operational Amplifier
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
3B18-00 AD-3B18-00 Datasheet
335Kb / 8P
Wide Bandwidth Strain Gage Input
5B38 AD-5B38 Datasheet
699Kb / 8P
Isolated, Wide-Bandwidth Strain Gage Input
logo
Texas Instruments
TL081-N TI1-TL081-N Datasheet
484Kb / 10P
TL081 Wide Bandwidth JFET Input Operational Amplifier
logo
Analog Devices
3B17 AD-3B17_15 Datasheet
360Kb / 8P
Wide Bandwidth LVDT/RVDT Input
REV. 0
3B18 AD-3B18_15 Datasheet
340Kb / 8P
Wide Bandwidth Strain Gage Input
REV. 0
5B38 AD-5B38_15 Datasheet
706Kb / 8P
Isolated, Wide-Bandwidth Strain Gage Input
REV. 0
logo
Texas Instruments
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
TE Connectivity Ltd
LDM-1000 TEC-LDM-1000 Datasheet
140Kb / 3P
LVDT/RVDT Signal Conditioning Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com