Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8EWF Datasheet(PDF) 1 Page - International Rectifier

Part # 8EWF
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWF Datasheet(HTML) 1 Page - International Rectifier

  8EWF Datasheet HTML 1Page - International Rectifier 8EWF Datasheet HTML 2Page - International Rectifier 8EWF Datasheet HTML 3Page - International Rectifier 8EWF Datasheet HTML 4Page - International Rectifier 8EWF Datasheet HTML 5Page - International Rectifier 8EWF Datasheet HTML 6Page - International Rectifier 8EWF Datasheet HTML 7Page - International Rectifier 8EWF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
SURFACE MOUNTABLE
FAST SOFT RECOVERY
DIODE
V
F
< 1.2V @ 8A
t
rr
= 55ns
V
RRM 200 to 600V
QUIETIR Series
8EWF..S
I2124 rev. B 10/99
TO-252AA (D-Pak)
The 8EWF..S fast soft recovery
QUIETIR rectifier
series has been optimized for combined short
reverse recovery time, low forward voltage drop
and low leakage current
The glass passivation ensures stable reliable
operation in the most severe temperature and
power cycling conditions.
Typical applications are both:
Output rectification and freewheeling diode
in inverters, choppers and converters.
Input rectifications where severe
restrictions on conducted EMI should be met.
Description/Features
Package Outline
I
F(AV)
Sinusoidalwaveform
8
A
V
RRM
200to 600
V
I
FSM
170
A
V
F
@8 A, T
J
= 25°C
1.2
V
t
rr
@ 1A, 100A/µs
55
ns
T
J
-40to150
°C
Major Ratings and Characteristics
Characteristics
8EWF..S
Units


Similar Part No. - 8EWF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8EWF..S VISHAY-8EWF..S Datasheet
172Kb / 9P
optimized or combined short reverse rocovery time, low forward voltage drop and low leakage current
logo
Inchange Semiconductor ...
8EWF02S ISC-8EWF02S Datasheet
238Kb / 2P
Ultrafast Rectifier
logo
Vishay Siliconix
8EWF02SPBF VISHAY-8EWF02SPBF Datasheet
238Kb / 8P
Surface Mountable Fast Soft Recovery Diode, 8 A
01-Jul-09
8EWF02STRLPBF VISHAY-8EWF02STRLPBF Datasheet
238Kb / 8P
Surface Mountable Fast Soft Recovery Diode, 8 A
01-Jul-09
8EWF02STRPBF VISHAY-8EWF02STRPBF Datasheet
238Kb / 8P
Surface Mountable Fast Soft Recovery Diode, 8 A
01-Jul-09
More results

Similar Description - 8EWF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF IRF-20ETF Datasheet
211Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
8EWF12S IRF-8EWF12S Datasheet
238Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF10S IRF-8EWF10S Datasheet
153Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF06SPBF IRF-8EWF06SPBF Datasheet
259Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
20ETF06SPBF IRF-20ETF06SPBF Datasheet
331Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
8EWF10SPBF VISHAY-8EWF10SPBF Datasheet
216Kb / 8P
Surface Mountable Fast Soft Recovery Diode, 8 A
08-Jul-08
VS-8EWF02S-M3 VISHAY-VS-8EWF02S-M3 Datasheet
228Kb / 8P
Surface Mountable Fast Soft Recovery Diode, 8A
04-Apr-11
VS-8EWF10S-M3 VISHAY-VS-8EWF10S-M3 Datasheet
191Kb / 7P
Surface Mountable Fast Soft Recovery Diode, 8A
17-Nov-11
8EWF12STRPBF VISHAY-8EWF12STRPBF_13 Datasheet
225Kb / 8P
Surface Mountable Fast Soft Recovery Diode, 8 A
08-Jul-08
logo
International Rectifier
8EWF06S IRF-8EWF06S Datasheet
172Kb / 9P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com