Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR14E Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LR14E
Description  LINEARlight ECO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR14E Datasheet(HTML) 2 Page - OSRAM GmbH

  LR14E Datasheet HTML 1Page - OSRAM GmbH LR14E Datasheet HTML 2Page - OSRAM GmbH LR14E Datasheet HTML 3Page - OSRAM GmbH LR14E Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LINEARlight ECO LR14E – 10.04.2012
Seite 2 von 4
www.osram.de/LED-Systeme
25
23 … 25
-30 … 90
-30 ... 65
LR14E-W2F-840
25
23 … 25
-30 … 90
-30 … 65
LR14E-W2F-830
Reverse Voltage
[V dc]*
Voltage Range
[V dc]*
Storage Temperature
[C°]*
Operating Temperature
at Tc-Point [C°]*
Product
Minimum and Maximum Ratings
*) Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED Module.
Exceeding maximum ratings for operating current will cause hazardous overload and will likely destroy the LED Module.
The temperature of the LED module must be measured at the Tc-point according to EN60598-1 in a thermally constant status with a
temperature sensor or a temperature sensitive label. For exact location of the Tc-point see drawing below.
Drawing
2240 - 4480 mm
1600 - 3200 lm
8 - 16 Module
OT75 (E)
200-240/24
2240 - 4480 mm
1600 - 3200 lm
8 - 16 Module
OTi Dali 75
220-240/24
Length
Luminous flux
2,3 W
Power
700
lm/m
2240 - 4760 mm
1600 - 3400 lm
1120 - 1960 mm
800 - 1400 lm
280 - 840 mm
200 - 600 lm
8 - 17 Module
4 - 7 Module
1 - 3 Module
LINEARlight
ECO
OT50*
200-240/24
OT20 (S)
200-240/24
OT8
200-240/24
LED Module
2240 - 4480 mm
1600 - 3200 lm
8 - 16 Module
OT75 (E)
200-240/24
2240 - 4480 mm
1600 - 3200 lm
8 - 16 Module
OTi Dali 75
220-240/24
Length
Luminous flux
2,3 W
Power
700
lm/m
2240 - 4760 mm
1600 - 3400 lm
1120 - 1960 mm
800 - 1400 lm
280 - 840 mm
200 - 600 lm
8 - 17 Module
4 - 7 Module
1 - 3 Module
LINEARlight
ECO
OT50*
200-240/24
OT20 (S)
200-240/24
OT8
200-240/24
LED Module
System recommendation OPTOTRONIC
15 Module
OTi DALI DIM LI
3x15 Module
OT DMX
3x2.5A DIM
3x14 Module
OT DMX 9x2A
DIM SO
2,3 W
Power
700
lm/m
15 Module
15 Module
LINEARlight
ECO
OTi DALI DIM
OT DIM
LED Module
15 Module
OTi DALI DIM LI
3x15 Module
OT DMX
3x2.5A DIM
3x14 Module
OT DMX 9x2A
DIM SO
2,3 W
Power
700
lm/m
15 Module
15 Module
LINEARlight
ECO
OTi DALI DIM
OT DIM
LED Module
System recommendation Light Management Systems
* Under preparation
Driver
Tc
D
R
l
2
l
3
1,4+0,2 mm
R
60 mm
l
3
3.2 mm
D
160 mm
l
2
20 mm
l
1
2 mm
h
20 mm
b
280 mm
l



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com