Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10ETS Datasheet(PDF) 2 Page - International Rectifier

Part # 10ETS
Description  INPUT RECTIFIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETS Datasheet(HTML) 2 Page - International Rectifier

  10ETS Datasheet HTML 1Page - International Rectifier 10ETS Datasheet HTML 2Page - International Rectifier 10ETS Datasheet HTML 3Page - International Rectifier 10ETS Datasheet HTML 4Page - International Rectifier 10ETS Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
10ETS..
SAFEIR Series
Bulletin I2120 rev. A 07/97
I
F(AV)
Max.AverageForwardCurrent
10
A
@ T
C
=105°C,180°conductionhalfsinewave
I
FSM
Max.PeakOneCycleNon-Repetitive
170
10msSinepulse,ratedV
RRMapplied
SurgeCurrent
200
10msSine pulse,novoltagereapplied
I2t
Max.I2tforfusing
130
10ms Sine pulse, rated V
RRM applied
145
10ms Sine pulse, no voltage reapplied
I
2√t Max. I2√t for fusing
1450
A
2√s
t = 0.1 to 10ms, no voltage reapplied
Part Number
V
RRM
, maximum
V
RSM
, maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
10ETS08
800
900
0.5
10ETS12
1200
1300
10ETS16
1600
1700
Voltage Ratings
T
J
Max. Junction Temperature Range
-40to150
°C
T
stg
Max. Storage Temperature Range
-40to150
°C
R
thJC
Max. Thermal Resistance Junction
2.5
°C/W
DC operation
to Case
R
thJA
Max. Thermal Resistance Junction
62
°C/W
to Ambient
R
thCS
Typical Thermal Resistance, Case to
0.5
°C/W
Mounting surface , smooth and greased
Heatsink
wt
Approximate Weight
2(0.07)
g(oz.)
T
Mounting Torque
Min.
6(5)
Max.
12(10)
Case Style
TO-220AC
Thermal-Mechanical Specifications
Parameters
10ETS..
Units
Conditions
Kg-cm
(Ibf-in)
Absolute Maximum Ratings
Electrical Specifications
Parameters
10ETS..
Units
Conditions
A
A2s
V
FM
Max. Forward Voltage Drop
1.1
V
@ 10A,T
J
= 25°C
r
t
Forward slope resistance
20
m
Ω
VF(TO) Threshold voltage
0.82
V
I
RM
Max. Reverse Leakage Current
0.05
T
J
= 25 °C
0.50
TJ = 150 °C
Parameters
10ETS..
Units
Conditions
T
J
= 150°C
V
R
= rated V
RRM
mA
Provide terminal coating for voltages above 1200V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com