Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83223 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83223
Description  TWISTER High Speed Networking Transceiver Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83223 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83223 Datasheet HTML 6Page - National Semiconductor (TI) DP83223 Datasheet HTML 7Page - National Semiconductor (TI) DP83223 Datasheet HTML 8Page - National Semiconductor (TI) DP83223 Datasheet HTML 9Page - National Semiconductor (TI) DP83223 Datasheet HTML 10Page - National Semiconductor (TI) DP83223 Datasheet HTML 11Page - National Semiconductor (TI) DP83223 Datasheet HTML 12Page - National Semiconductor (TI) DP83223 Datasheet HTML 13Page - National Semiconductor (TI) DP83223 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Do Not Use
4.3 LOOPBACK PROPAGATION DELAY
4.4 SIGNAL DETECT TIMING
Note: The Signal Detect Assert Time is a measure of the time required for Signal Detect to assert after the RXI+/- inputs are provided with a receive signal
with sufficient amplitude to meet the Signal Detect Assert Threshold parameter. Device configuration: LBEN=0, CDET=0, ENCSEL=0, EQSEL=float, PM-
RD+/-=static, RXI+/-=125Mb/s data with amplitude greater than 700mV pk-pk differential.
Note: The Signal Detect De-assert Time is a measure of the time required for Signal Detect to deassert after the RXI+/- inputs are provided with a receive
signal with sufficient amplitude to meet the Signal Detect Deassert Threshold parameter. Device configuration: LBEN=0, CDET=0, ENCSEL=0,
EQSEL=float, PMRD+/-=static, RXI+/-=125Mb/s data with amplitude less than 200mV pk-pk differential.
4.5 ADAPTIVE EQUALIZER TIMING
Note: Total Receive Jitter is a measure of the total accumulated jitter as measured differentially across the PMID+/- receive outputs of the device. This pa-
rameter is guaranteed by an ATE adaptive equalizer jitter measurement (done at worst case conditions) and a system level characterization over temperature
and Vcc. The ATE measurement has been empirically correlated with the system level jitter measurement, which includes all transmit jitter (as described in
T1.3) as well as all jitter induced by a worst case Cat-5 cable plant and the additional Jitter induced by the receive operation of the device. Device configu-
ration: LBEN=0, CDET=0, ENCSEL=0, EQSEL=float, PMRD+/-=125Mb/s data, RXI+/-=125Mb/s data.
Number
Parameter
Min
Typ
Max
Units
T3.1
Loopback Propagation Delay
7
ns
Number
Parameter
Min
Typ
Max
Units
T4.1
Signal Detect Turn-On Time
40
100
us
T4.2
Signal Detect Turn-Off Time
12
50
us
Number
Parameter
Min
Typ
Max
Units
T5.1
Total Jitter (TX+RX)
2
3.5
ns
PMRD+
PMRD-
PMID+
PMID-
T3.1
SD+
RXI +/-
signal
static
static
T4.1
T4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com