Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT16244ATPVC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT16244ATPVC
Description  16-Bit Buffers/Line Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT16244ATPVC Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT16244ATPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16244ATPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16244ATPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16244ATPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16244ATPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16244ATPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16244ATPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16244ATPVC Datasheet HTML 8Page - Texas Instruments CY74FCT16244ATPVC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
16-Bit Buffers/Line Drivers
SCCS028B - December 1987 - Revised September 2001
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
CY74FCT16244T
CY74FCT162244T
CY74FCT162H244T
Copyright
© 2001, Texas Instruments Incorporated
1CY74FCT16444T/2
H244T
Features
•Ioff supports partial-power-down mode operation
• Edge-rate control circuitry for significantly improved
noise characteristics
• Typical output skew < 250 ps
• ESD > 2000V
• TSSOP (19.6-mil pitch) and SSOP (25-mil pitch)
packages
• Industrial temperature range of –40˚C to +85˚C
• VCC = 5V ± 10%
CY74FCT16244T Features:
• 64 mA sink current, 32 mA source current
• Typical VOLP (ground bounce)
<1.0V at VCC = 5V, TA = 25˚C
CY74FCT162244T Features:
• Balanced output drivers: 24 mA
• Reduced system switching noise
• Typical VOLP (ground bounce)
<0.6V at VCC = 5V, TA= 25˚C
CY74FCT162H244T Features:
• Bus hold on data inputs
• Eliminates the need for external pull-up or pull-down
resistors
Functional Description
These 16-bit buffers/line drivers are designed for use in
memory driver, clock driver, or other bus interface applications,
where high-speed and low power are required. With
flow-through pinout and small shrink packaging board layout
is simplified. The three-state controls are designed to allow
4-bit, 8-bit or combined 16-bit operation.
This
device
is
fully
specified
for
partial-power-down
applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device
when it is powered down.
The
CY74FCT16244T
is
ideally
suited
for
driving
high-capacitance loads and low-impedance backplanes.
The CY74FCT162244T has 24-mA balanced output drivers
with current limiting resistors in the outputs. This reduces the
need for external terminating resistors and provides for mini-
mal
undershoot
and
reduced
ground
bounce.
The
CY74FCT162244T is ideal for driving transmission lines.
The CY74FCT162H244T is a 24-mA balanced output part that
has “bus hold” on the data inputs. The device retains the in-
put’s last state whenever the input goes to high impedance.
This eliminates the need for pull-up/down resistors and pre-
vents floating inputs.
GND
Logic Block Diagrams CY74FCT16244T, CY74FCT162244T,
CY74FCT162H244T
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
25
26
27
28
36
35
1OE
34
SSOP/TSSOP
Top View
1Y1
1Y2
1Y3
1Y4
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
1A1
1A2
1A3
1A4
1OE
2Y1
2Y2
2Y3
2Y4
2A1
2A2
2A3
2A4
2OE
1Y1
1Y2
1Y3
1Y4
1A1
1A2
1A3
1A4
2OE
GND
GND
VCC
2Y3
2Y4
2Y1
2Y2
2A1
2A2
2A3
2A4
VCC
GND
GND
3Y3
3Y4
3Y1
3Y2
3A1
3A2
3A3
3A4
GND
GND
VCC
4Y3
4Y4
4Y1
4Y2
4A1
4A2
4A3
4A4
VCC
GND
4OE
3OE
3Y1
3Y2
3Y3
3Y4
3A1
3A2
3A3
3A4
3OE
4Y1
4Y2
4Y3
4Y4
4A1
4A2
4A3
4A4
4OE
FCT16244–1
FCT16244–2
FCT16244–3
FCT16244–4
FCT16244–5
16244T
162244T
162H244T


Similar Part No. - CY74FCT16244ATPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16244ATPVC TI-CY74FCT16244ATPVC Datasheet
64Kb / 8P
16-Bit Buffers/Line Drivers
CY74FCT16244ATPVCT TI-CY74FCT16244ATPVCT Datasheet
64Kb / 8P
16-Bit Buffers/Line Drivers
More results

Similar Description - CY74FCT16244ATPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT240T TI-CY5474FCT240T Datasheet
97Kb / 8P
8-Bit Buffers/Line Drivers
CY5474FCT540T TI-CY5474FCT540T Datasheet
82Kb / 8P
8-Bit Buffers/Line Drivers
CY74FCT16240T TI-CY74FCT16240T Datasheet
127Kb / 11P
16-Bit Buffers/Line Drivers
CY74FCT16244T TI-CY74FCT16244T Datasheet
64Kb / 8P
16-Bit Buffers/Line Drivers
CY74FCT163244 TI-CY74FCT163244 Datasheet
63Kb / 7P
16-Bit Buffers/Line Drivers
CY74FCT16827T TI-CY74FCT16827T Datasheet
62Kb / 7P
20-Bit Buffers/Line Drivers
CY74FCT2240T TI-CY74FCT2240T Datasheet
57Kb / 6P
8-Bit Buffers/Line Drivers
logo
Fairchild Semiconductor
74F827 FAIRCHILD-74F827 Datasheet
66Kb / 7P
10-Bit Buffers/Line Drivers
logo
Texas Instruments
CY74FCT16240T TI1-CY74FCT16240T_15 Datasheet
476Kb / 13P
16-Bit Buffers/Line Drivers
CY74FCT163244 TI1-CY74FCT163244_05 Datasheet
132Kb / 10P
16-Bit Buffers/Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com