Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26MB20 Datasheet(PDF) 3 Page - International Rectifier

Part # 26MB20
Description  SINGLE PHASE BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

26MB20 Datasheet(HTML) 3 Page - International Rectifier

  26MB20 Datasheet HTML 1Page - International Rectifier 26MB20 Datasheet HTML 2Page - International Rectifier 26MB20 Datasheet HTML 3Page - International Rectifier 26MB20 Datasheet HTML 4Page - International Rectifier 26MB20 Datasheet HTML 5Page - International Rectifier 26MB20 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MB Series
3
Bulletin I2715 rev. I 03/03
www.irf.com
T
J
Junction temperature range
- 55 to 150 oC
T
stg
Storage temperature range
- 55 to 150 oC
R
thJC
Max. thermal resistance junction to case
1.7
1.2
K/W
Per bridge
R
thCS
Max. thermal resistance, case to heatsink
0.2
K/W
Mounting surface , smooth, flat and greased
wt
Approximate weight
20
g
T
Mounting Torque
± 10%
2.0
Nm
Bridge to heatsink
All dimensions in millimetres (inches)
Suggested plugging force:
200 N max; axially applied to faston terminals
26 = 25A (Avg)
36 = 35A (Avg)
1
-
Current rating code:
2
-
Circuit configuration:
MB = Single phase european coding
3
-
Voltage code: MB series = code x 10 = V
RRM
4
-
Diode bridge rectifier:
A = 26MB, 36MB Series
36
MB
120
A
1
2
3
4
Thermal and Mechanical Specifications
Ordering Information Table
Outline Table
Device Code
Parameters
26MB-A
36MB-A Units Conditions
Not To Scale
0.8 (.03)
6.3 (.25)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com