Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT162373CTPVCG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74FCT162373CTPVCG4
Description  16-Bit Latches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT162373CTPVCG4 Datasheet(HTML) 3 Page - Texas Instruments

  74FCT162373CTPVCG4 Datasheet HTML 1Page - Texas Instruments 74FCT162373CTPVCG4 Datasheet HTML 2Page - Texas Instruments 74FCT162373CTPVCG4 Datasheet HTML 3Page - Texas Instruments 74FCT162373CTPVCG4 Datasheet HTML 4Page - Texas Instruments 74FCT162373CTPVCG4 Datasheet HTML 5Page - Texas Instruments 74FCT162373CTPVCG4 Datasheet HTML 6Page - Texas Instruments 74FCT162373CTPVCG4 Datasheet HTML 7Page - Texas Instruments 74FCT162373CTPVCG4 Datasheet HTML 8Page - Texas Instruments 74FCT162373CTPVCG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY74FCT16373T
CY74FCT162373T
3
Output Drive Characteristics for CY74FCT162373T
Parameter
Description
Test Conditions
Min.
Typ.[4]
Max.
Unit
IODL
Output LOW Current[6]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
60
115
150
mA
IODH
Output HIGH Current[6]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
−60
−115
−150
mA
VOH
Output HIGH Voltage
VCC=Min., IOH=−24 mA
2.4
3.3
V
VOL
Output LOW Voltage
VCC=Min., IOL=24 mA
0.3
0.55
V
Capacitance[5] (TA = +25˚C, f = 1.0 MHz)
Parameter
Description
Test Conditions
Typ.[4]
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6.0
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8.0
pF
Power Supply Characteristics
Parameter
Description
Test Conditions
Typ.[4]
Max.
Unit
ICC
Quiescent Power Supply Current VCC=Max.
VIN≤0.2V,
VIN≥VCC−0.2V
5
500
µA
∆I
CC
Quiescent Power Supply Current
(TTL inputs HIGH)
VCC=Max.
VIN=3.4V
[8]
0.5
1.5
mA
ICCD
Dynamic Power Supply
Current[9]
VCC=Max., One Input
Toggling, 50% Duty Cycle,
Outputs Open, OE=GND
VIN=VCC or
VIN=GND
60
100
µA/MHz
IC
Total Power Supply Current[10]
VCC=Max., f1=10 MHz,
50% Duty Cycle, Outputs
Open, One Bit Toggling,
OE=GND, LE=VCC
VIN=VCC or
VIN=GND
0.6
1.5
mA
VIN=3.4V or
VIN=GND
0.9
2.3
mA
VCC=Max., f1=2.5 MHz,
50% Duty Cycle, Outputs
Open, Sixteen Bits Toggling,
OE=GND, LE=VCC
VIN=VCC or
VIN=GND
2.4
4.5[11]
mA
VIN=3.4V or
VIN=GND
6.4
16.5[11]
mA
Notes:
8.
Per TTL driven input (VIN=3.4V); all other inputs at VCC or GND.
9.
This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
10. IC=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC
=
Quiescent Current with CMOS input levels
∆I
CC
=
Power Supply Current for a TTL HIGH input(VIN=3.4V)
DH
=
Duty Cycle for TTL inputs HIGH
NT
=
Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
=
Clock frequency for registered devices, otherwise zero
f1
=
Input signal frequency
N1
=
Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
11. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com