Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8311 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8311
Description  Octal Latched Peripheral Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8311 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8311 Datasheet HTML 1Page - National Semiconductor (TI) DP8311 Datasheet HTML 2Page - National Semiconductor (TI) DP8311 Datasheet HTML 3Page - National Semiconductor (TI) DP8311 Datasheet HTML 4Page - National Semiconductor (TI) DP8311 Datasheet HTML 5Page - National Semiconductor (TI) DP8311 Datasheet HTML 6Page - National Semiconductor (TI) DP8311 Datasheet HTML 7Page - National Semiconductor (TI) DP8311 Datasheet HTML 8Page - National Semiconductor (TI) DP8311 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DP8310/DP8311
Octal Latched Peripheral Drivers
General Description
The DP8310 and DP8311 Octal Latched Peripheral Drivers
provide the function of latching eight bits of data with open
collector outputs, each driving up to 100 mA DC with an op-
erating voltage range of 30V. Both devices are designed for
low input currents, high input/output voltages, and feature a
power up clear (outputs off) function.
The DP8310 is positive edge latching. Two active low write/
enable inputs are available for convenient data bussing with-
out external gating.
The DP8311 is positive edge latching. The active low strobe
input latches data or allows fall through operation when held
at logic “0”. The latches are cleared (outputs off) with a logic
“0” on the clear pin.
Features
n
High current, high voltage open collector outputs
n
Low current, high voltage inputs
n
All outputs simultaneously sink rated current “DC” with
no thermal derating at maximum rated temperature
n
Parallel latching or buffering
n
Separate active low enables for easy data bussing
n
Internal “glitch free” power up clear
n
10% V
CC tolerance
Applications
n
High current high voltage drivers
n
Relay drivers
n
Lamp drivers
n
LED drivers
n
TRIAC drivers
n
Solenoid drivers
n
Stepper motor drivers
n
Level translators
n
Fiber-optic LED drivers
Connection Diagrams
Dual-In-Line Package
DS005246-1
Top View
Dual-In-Line Package
DS005246-2
Top View
Order Number DP8310N or DP8311N
See NS Package Number N20A
February 2000
© 2000 National Semiconductor Corporation
DS005246
www.national.com


Similar Part No. - DP8311

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8311 NSC-DP8311 Datasheet
170Kb / 10P
DP7310/DP8310/DP7311/DP8311 Octal Latched Peripheral Drivers
DP8311N NSC-DP8311N Datasheet
170Kb / 10P
DP7310/DP8310/DP7311/DP8311 Octal Latched Peripheral Drivers
More results

Similar Description - DP8311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
DUAL PERIPHERAL DRIVERS
SN75436 TI-SN75436 Datasheet
80Kb / 5P
QUADRUPLE PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
DUAL PERIPHERAL DRIVERS
logo
National Semiconductor ...
DP7310 NSC-DP7310 Datasheet
170Kb / 10P
DP7310/DP8310/DP7311/DP8311 Octal Latched Peripheral Drivers
logo
Texas Instruments
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com