Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30CPU04 Datasheet(PDF) 6 Page - International Rectifier

Part # 30CPU04
Description  Ultrafast Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CPU04 Datasheet(HTML) 6 Page - International Rectifier

  30CPU04 Datasheet HTML 1Page - International Rectifier 30CPU04 Datasheet HTML 2Page - International Rectifier 30CPU04 Datasheet HTML 3Page - International Rectifier 30CPU04 Datasheet HTML 4Page - International Rectifier 30CPU04 Datasheet HTML 5Page - International Rectifier 30CPU04 Datasheet HTML 6Page - International Rectifier 30CPU04 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
30CPU04
Bulletin PD-20750 rev. B 11/01
6
www.irf.com
Conforms to JEDEC Outline TO-247AC
Dimensions in millimeters and (inches)
15.90 (0.626)
15.30 (0.602)
14.20 (0.559)
14.80 (0.583)
3.70 (0.145)
4.30 (0.170)
5.30 (0.208)
5.70 (0.225)
5.50 (0.217)
4.50 (0.177)
(2 PLCS.)
3.55 (0.139)
3.65 (0.144)
2.20 (0.087)
MAX.
1.00 (0.039)
1.40 (0.056)
3.20 (0.126)
MAX.
0.40 (0.213)
0.80 (0.032)
4.70 (0.185)
5.30 (0.209)
1.5 (0.059)
2.5 (0.098)
2.40 (0.095)
MAX.
5.43 (0.213)
5.47 (0.216)
20.30 (0.800)
19.70 (0.775)
1
2
3
DIA.
Outline Table
Ordering Information Table
Device Code
1
5
2
4
3
1
-
Current Rating
(30 = 30A)
2
-
Common Cathode
3
-
TO-247AC
4
-
Ultrafast Recovery
5
-
Voltage Rating
(04 = 400V)
30
C
P
U
04
Base
Common
Cathode
Anode
Anode
Common
Cathode
13
2
1
2
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com