Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT16543CTPVC Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT16543CTPVC
Description  16-Bit Latched Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT16543CTPVC Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT16543CTPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16543CTPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16543CTPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16543CTPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16543CTPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16543CTPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16543CTPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16543CTPVC Datasheet HTML 8Page - Texas Instruments CY74FCT16543CTPVC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
CY74FCT16543T
CY74FCT162543T
CY74FCT162H543T
2
Maximum Ratings[3, 4]
(Above which the useful life may be impaired. For user
guidelines, not tested.)
Storage Temperature .....................Com’l
−55°C to +125°C
Ambient Temperature with
Power Applied .................................Com’l
−55°C to +125°C
DC Input Voltage
.................................................−0.5V to +7.0V
DC Output Voltage
..............................................−0.5V to +7.0V
DC Output Current
(Maximum Sink Current/Pin)
...........................−60 to +120 mA
Power Dissipation .......................................................... 1.0W
Static Discharge Voltage............................................>2001V
(per MIL-STD-883, Method 3015)
Logic Block Diagrams
Pin Configuration
1OEAB
SSOP/TSSOP
Top View
GND
VCC
FCT16543T-1
FCT16543T-2
TO 7 OTHER CHANNELS
D
C
1B1
1OEBA
1A 1
1CEBA
1LEAB
1OEAB
1LEBA
1CEAB
D
C
D
C
2B1
2OEBA
2A 1
2CEBA
2OEAB
2LEBA
2CEAB
1LEAB
1CEAB
1A 1
VCC
GND
2LEAB
1A 2
1A 3
1A 5
1A 4
1A 6
1A 7
1A 8
GND
2A 1
2A 2
2A 3
2A 4
2A 5
2A 6
2A 7
2A 8
GND
2OEAB
2CEAB
2LEAB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1OEBA
GND
VCC
1LEBA
1CEBA
1B1
VCC
GND
1B2
1B3
1B5
1B4
1B6
1B7
1B8
GND
2B1
2B2
2B3
2B4
2B6
2B7
2B8
GND
2OEBA
2CEBA
2LEBA
2B5
D
C
FCT16543T-3
TO 7 OTHER CHANNELS
Pin Description
Name
Description
OEAB
A-to-B Output Enable Input (Active LOW)
OEBA
B-to-A Output Enable Input (Active LOW)
CEAB
A-to-B Enable Input (Active LOW)
CEBA
B-to-A Enable Input (Active LOW)
LEAB
A-to-B Latch Enable Input (Active LOW)
LEBA
B-to-A Latch Enable Input (Active LOW)
A
A-to-B Data Inputs or B-to-A Three-State Outputs[9]
B
B-to-A Data Inputs or A-to-B Three-State Outputs[9]
Function Table[1]
Inputs
Latch
Status
Output
Buffers
CEAB
LEAB
OEAB
A to B
B
H
X
X
Storing
High Z
X
H
X
Storing
X
X
X
H
X
High Z
L
L
L
Transparent
Current A
Inputs
L
H
L
Storing
Previous A
Inputs[2]
Operating Range
Range
Ambient
Temperature
VCC
Industrial
−40°C to +85°C
5V
± 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com