Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36MB20A Datasheet(PDF) 1 Page - International Rectifier

Part # 36MB20A
Description  SINGLE PHASE BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

36MB20A Datasheet(HTML) 1 Page - International Rectifier

  36MB20A Datasheet HTML 1Page - International Rectifier 36MB20A Datasheet HTML 2Page - International Rectifier 36MB20A Datasheet HTML 3Page - International Rectifier 36MB20A Datasheet HTML 4Page - International Rectifier 36MB20A Datasheet HTML 5Page - International Rectifier 36MB20A Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
Universal, 3 way terminals:
push-on, wrap around or solder
High thermal conductivity package,
electrically insulated case
Center hole fixing
Excellent power/volume ratio
UL E 62320 approved
Nickel plated terminals solderable as per MIL-STD-202 Method
208; solder: Sn/Pb (60/40); solder temperature: 235-260°C
max. time: 8-10 secs
Description
A range of extremely compact, encapsulated
single phase bridge rectifiers offering efficient and
reliable operation. They are intended for use in
general purpose and instrumentation applica-
tions.
Parameters 26MB-A
36MB-A
Units
Major Ratings and Characteristics
I
O
25
35
A
@ T
C
65
60
oC
I
FSM
@ 50Hz
400
475
A
@ 60Hz
420
500
A
I2t
@ 50Hz
790
1130
A2s
@ 60Hz
725
1030
A2s
VRRM range
200 to 1200
V
T
J
- 55 to 150
oC
SINGLE PHASE BRIDGE
Power Modules
25 A
35 A
MB SERIES
Bulletin I2715 rev. I 03/03
1
www.irf.com


Similar Part No. - 36MB20A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
36MB20A IRF-36MB20A Datasheet
203Kb / 5P
10 to 35 Amp Rectifier Bridges
logo
Vishay Siliconix
36MB20A VISHAY-36MB20A Datasheet
119Kb / 6P
Single Phase Bridge (Power Modules), 25/35 A
27-Jun-08
logo
New Jersey Semi-Conduct...
36MB20A NJSEMI-36MB20A Datasheet
102Kb / 1P
Power Modules Single Phase Diode Bridges
More results

Similar Description - 36MB20A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GBPC IRF-GBPC Datasheet
131Kb / 6P
SINGLE PHASE BRIDGE
GBPC3512 IRF-GBPC3512 Datasheet
270Kb / 6P
SINGLE PHASE BRIDGE
26MB05A IRF-26MB05A Datasheet
50Kb / 6P
SINGLE PHASE BRIDGE
36MB160A IRF-36MB160A Datasheet
74Kb / 6P
SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0008 SSDI-RA0008 Datasheet
26Kb / 2P
SINGLE PHASE BRIDGE
RA0009 SSDI-RA0009 Datasheet
58Kb / 2P
SINGLE PHASE BRIDGE
RA0011B SSDI-RA0011B Datasheet
108Kb / 2P
SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D Datasheet
120Kb / 2P
SINGLE PHASE BRIDGE
RH0237 SSDI-RH0237 Datasheet
27Kb / 2P
SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D_15 Datasheet
120Kb / 2P
SINGLE PHASE BRIDGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com