Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE2124 Datasheet(PDF) 8 Page - Texas Instruments

Part # AFE2124
Description  Dual HDSL/SDSL ANALOG FRONT END
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE2124 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE2124 Datasheet HTML 4Page - Texas Instruments AFE2124 Datasheet HTML 5Page - Texas Instruments AFE2124 Datasheet HTML 6Page - Texas Instruments AFE2124 Datasheet HTML 7Page - Texas Instruments AFE2124 Datasheet HTML 8Page - Texas Instruments AFE2124 Datasheet HTML 9Page - Texas Instruments AFE2124 Datasheet HTML 10Page - Texas Instruments AFE2124 Datasheet HTML 11Page - Texas Instruments AFE2124 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
®
AFE2124
BIT
DESCRIPTION
BIT STATE
OUTPUT STATE
15 (MSB)
tx Enable Signal
0
AFE Transmits a 0 Symbol
1
AFE Transmits HDSL Symbol
as defined by bits 14 and 13
14 and 13
tx Symbol
00
–3 Transmit Symbol
Definition
01
–1 Transmit Symbol
11
+1 Transmit Symbol
10
+3 Transmit Symbol
12 - 10
rx Gain Settings
000
rx gain in AFE 0dB
001
rx gain in AFE 3dB
010
rx gain in AFE 6dB
011
rx gain in AFE 9dB
100
rx gain in AFE 12dB
101
rx gain in AFE Reserved
110
rx gain in AFE Reserved
111
rx gain in AFE Reserved
9
Loopback Control
1
Loopback Mode
0
Normal Operation
8
tx Boost
0
Normal Transmit Power
1
+0.5dB Transmit Power Boost
7 - 0
SPARE
NA
TABLE I. Data In.
Rx Gain Settings—These bits set the gain of the receive
channel programmable gain amplifier.
Loopback Control—This bit controls the operation of
loopback. When enabled (logic 1), the rxLINE+ and rxLINE–
inputs are disconnected from the AFE. The rxHYB+ and
rxHYB– inputs remain connected. When disabled, the
rxLINE+ and rxLINE– inputs are connected.
txBoost—This bit controls the addition of 0.5dB additional
power to the output line driver.
rxbaudCLK: This is the receive data baud rate (symbol
clock), generated by the DSP. It is 392kHz for T1 or 584kHz
for E1. It can vary from 32kHz (64kbps) to 584kHz
(1.168Mbps).
rx48xCLK: This is the A/D converter oversampling clock,
generated by the DSP. It is 48x the receive symbol rate or
28.032MHz for 584kHz symbol rate. This clock should run
continuously.
Data Out: This is the 14-bit A/D converter output data (+2
spare bits) sent from the AFE to the DSP. The 14 bits from
the A/D Converter will be the upper bits of the 16-bit word
(bits 15-2). The spare bits (1 and 0) will be always be low.
Eight additional (interdata) bits follow, which are always
high. The data is clocked out on the falling edge of rx48xCLK.
The bandwidth of the A/D converter decimation filter is
equal to one-half of the symbol rate. The nominal output
rate of the A/D converter is one conversion per symbol
period. For more flexible post processing, there is a second
true A/D conversion available in each symbol period. In
Figure 4, the first conversion is shown as Data 1 and the
second conversion is shown as Data 1a. It is suggested that
rxbaudCLK is used with the rx48xCLK to read Data 1
while Data 1a is ignored. However, either or both outputs
may be used for more flexible post-processing.
DATA
BITS
Data 1
16
Interdata Bits
8
Data 1a
16
Interdata bits
8
Total Bits/Symbol Period
48
DATA OUT PER SYMBOL PERIOD
MSB
LSB
14
2
Reserved
A/D Converter Data
FIGURE 5. Data Out Word.
ANALOG-TO-DIGITAL CONVERTER DATA
The A/D converter data from the receive channel is coded in
Binary Two’s Complement.
ANALOG INPUT
A/D CONVERTER DATA
MSB
LSB
Positive Full Scale
01111111111111
Mid Scale
00000000000000
Negative Full Scale
10000000000000
ECHO CANCELLATION IN THE AFE
The rxHYB input is subtracted from the rxLINE input for
first order echo cancellation. For correct operation, be cer-
tain that the rxLINE input is connected to the same polarity
signal at the transformer (+ to + and – to –) while the rxHYB
input is connected to opposite polarity through the compro-
mise hybrid (– to + and + to –) as shown in Figure 6.
SCALEABLE TIMING
The AFE2124 scales operation with the clock frequency. All
internal filters and the pulse former change frequency with
the clock speed so that the unit can be used at different
frequencies just by changing the clock speed.
For the receive channel, the digital filtering of the delta
sigma converter scales directly with the clock speed. The
bandwidth of the converter’s decimation filter is always one-
half of the symbol rate. The only receive channel issue in
changing baud rate is the passive single pole anti-alias filter
(see the “rxHYB and rxLINE Input Anti-Aliasing Filters”
section). For systems implementing a broad range of speeds,
selectable cutoff frequencies for the passive anti-alias filter
should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com