Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36MB60A Datasheet(PDF) 2 Page - International Rectifier

Part # 36MB60A
Description  SINGLE PHASE BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

36MB60A Datasheet(HTML) 2 Page - International Rectifier

  36MB60A Datasheet HTML 1Page - International Rectifier 36MB60A Datasheet HTML 2Page - International Rectifier 36MB60A Datasheet HTML 3Page - International Rectifier 36MB60A Datasheet HTML 4Page - International Rectifier 36MB60A Datasheet HTML 5Page - International Rectifier 36MB60A Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MB Series
2
Bulletin I2715 rev. I 03/03
www.irf.com
I
O
Maximum DC output current
25
35
A
Resistive or inductive load
20
28
A
Capacitive load
@ Case temperature
65
60
°C
I
FSM
Maximum peak, one-cycle
400
475
A
t = 10ms
No voltage
non-repetitive forward current
420
500
t = 8.3ms
reapplied
335
400
t = 10ms
100% V
RRM
350
420
t = 8.3ms
reapplied
Initial T
J
= T
J
max.
I2t
Maximum I2t for fusing
790
1130
A2s
t = 10ms
No voltage
725
1030
t = 8.3ms
reapplied
560
800
t = 10ms
100% V
RRM
512
730
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
5.6
11.3
KA2
√sI2t for time t
x
= I2
√t x√t
x
;
0.1
≤ t
x ≤
10ms, V
RRM
= 0V
V
F(TO)1
Low-level of threshold voltage
0.76
0.79
V
(16.7% x
πxI
F(AV)
< I <
πxI
F(AV)
), @ T
J
max.
V
F(TO)2
High-level of threshold voltage
0.92
0.96
(I >
π x I
F(AV)), @ TJ max.
r
t1
Low-level forward slope resistance
6.8
5.8
m
Ω
(16.7% x
πxI
F(AV)
< I <
πxI
F(AV)
), @ T
J
max.
r
t2
High-level forward slope resistance
5.0
4.5
(I >
π x I
F(AV)), @ TJ max.
V
FM
Maximum forward voltage drop
1.11
1.14
V
T
J
= 25 oC, I
FM
= 40A
PK
(26MB)
T
J
= 25 oC, I
FM
= 55A
PK
(36MB)
I
RRM
Max. DC reverse current
10
10
µAT
J
= 25 oC, per diode at V
RRM
VINS
RMS isolation voltage base plate
2700
2700
V
f = 50 Hz, t = 1s
Forward Conduction
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
@ T
J
max.
VV
20
200
275
40
400
500
26MB..A
60
600
725
2
36MB..A
80
800
900
100
1000
1100
120
1200
1300
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Parameters
26MB-A
36MB-A
Units Conditions
tp = 400
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com