Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1806 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM짰 Microprocessor
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1806 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AM1806 Datasheet HTML 35Page - Texas Instruments AM1806 Datasheet HTML 36Page - Texas Instruments AM1806 Datasheet HTML 37Page - Texas Instruments AM1806 Datasheet HTML 38Page - Texas Instruments AM1806 Datasheet HTML 39Page - Texas Instruments AM1806 Datasheet HTML 40Page - Texas Instruments AM1806 Datasheet HTML 41Page - Texas Instruments AM1806 Datasheet HTML 42Page - Texas Instruments AM1806 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 245 page
background image
AM1806
www.ti.com
SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014
3.7.17 Universal Serial Bus Modules (USB0)
Table 3-19. Universal Serial Bus (USB) Terminal Functions
SIGNAL
POWER
TYPE(1)
PULL(2)
DESCRIPTION
GROUP(3)
NAME
NO.
USB0 2.0 OTG (USB0)
USB0_DM
M18
A
IPD
—
USB0 PHY data minus
USB0_DP
M19
A
IPD
—
USB0 PHY data plus
USB0_VDDA33
N18
PWR
—
—
USB0 PHY 3.3-V supply
USB0 PHY identification
USB0_ID
P16
A
—
—
(mini-A or mini-B plug)
USB0_VBUS
N19
A
—
—
USB0 bus voltage
USB0_DRVVBUS
K18
O
IPD
B
USB0 controller VBUS control output.
AHCLKX / USB_REFCLKIN / UART1_CTS /
A3
I
CP[0]
A
USB_REFCLKIN. Optional clock input
GP0[10] / PRU0_R31[17]
USB0_VDDA18
N14
PWR
—
—
USB0 PHY 1.8-V supply input
USB0 PHY 1.2-V LDO output for bypass cap
For proper device operation, this pin must
USB0_VDDA12
N17
A
—
—
always be connected via a 0.22-
μF capacitor
to VSS (GND), even if USB0 is not being
used.
USB_CVDD
M12
PWR
—
—
USB0 core logic 1.2-V supply input
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor; IPU = Internal Pullup resistor; CP[n] = configurable pull-up/pull-down (where n is the pin group) using
the PUPDENA and PUPDSEL registers in the System Module. The pull-up and pull-down control of these pins is not active until the
device is out of reset. During reset, all of the pins associated with these registers are pulled down. If the application requires a pull-up,
an external pull-up can be used. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see the Device Configuration section. For electrical specifications on pullup and internal pulldown
circuits, see the Device Operating Conditions section.
(3)
This signal is part of a dual-voltage IO group (A, B or C). These groups can be operated at 3.3V or 1.8V nominal. The three groups can
be operated at independent voltages but all pins withina group will operate at the same voltage. Group A operates at the voltage of
power supply DVDD3318_A. Group B operates at the voltage of power supply DVDD3318_B. Group C operates at the voltage of power
supply DVDD3318_C.
Copyright © 2010–2014, Texas Instruments Incorporated
Device Overview
39
Submit Documentation Feedback
Product Folder Links: AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com