Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM짰 Microprocessor
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1808 Datasheet(HTML) 2 Page - Texas Instruments

  AM1808 Datasheet HTML 1Page - Texas Instruments AM1808 Datasheet HTML 2Page - Texas Instruments AM1808 Datasheet HTML 3Page - Texas Instruments AM1808 Datasheet HTML 4Page - Texas Instruments AM1808 Datasheet HTML 5Page - Texas Instruments AM1808 Datasheet HTML 6Page - Texas Instruments AM1808 Datasheet HTML 7Page - Texas Instruments AM1808 Datasheet HTML 8Page - Texas Instruments AM1808 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 265 page
background image
AM1808
SPRS653E – FEBRUARY 2010 – REVISED MARCH 2014
www.ti.com
• Video Port Interface (VPIF):
• Three 64-Bit General-Purpose Timers (Each
Configurable as Two 32-Bit Timers)
– Two 8-Bit SD (BT.656), Single 16-Bit or Single
Raw (8-, 10-, and 12-Bit) Video Capture
• One 64-Bit General-Purpose or Watchdog Timer
Channels
(Configurable as Two 32-Bit General-Purpose
Timers)
– Two 8-Bit SD (BT.656), Single 16-Bit Video
Display Channels
• Two Enhanced High-Resolution Pulse Width
Modulators (eHRPWMs):
• Universal Parallel Port (uPP):
– Dedicated 16-Bit Time-Base Counter with
– High-Speed Parallel Interface to FPGAs and
Period and Frequency Control
Data Converters
– 6 Single-Edge Outputs, 6 Dual-Edge Symmetric
– Data Width on Both Channels is 8- to 16-Bit
Outputs, or 3 Dual-Edge Asymmetric Outputs
Inclusive
– Dead-Band Generation
– Single-Data Rate or Dual-Data Rate Transfers
– PWM Chopping by High-Frequency Carrier
– Supports Multiple Interfaces with START,
ENABLE, and WAIT Controls
– Trip Zone Input
• Serial ATA (SATA) Controller:
• Three 32-Bit Enhanced Capture (eCAP) Modules:
– Supports SATA I (1.5 Gbps) and SATA II
– Configurable as 3 Capture Inputs or 3 Auxiliary
(3.0 Gbps)
Pulse Width Modulator (APWM) Outputs
– Supports all SATA Power-Management
– Single-Shot Capture of up to Four Event Time-
Features
Stamps
– Hardware-Assisted Native Command Queueing
• 361-Ball Pb-Free Plastic Ball Grid Array (PBGA)
(NCQ) for up to 32 Entries
[ZCE Suffix], 0.65-mm Ball Pitch
– Supports Port Multiplier and Command-Based
• 361-Ball Pb-Free PBGA [ZWT Suffix], 0.80-mm
Switching
Ball Pitch
• Real-Time Clock (RTC) with 32-kHz Oscillator and
• Commercial or Extended Temperature
Separate Power Rail
1.2
Applications
•
Gaming
•
Data Concentrators
•
Medical, Healthcare, Fitness
•
Building Automation
•
Printers
•
Set Top Box
•
ePOS
•
Industrial Automation
2
AM1808 ARM Microprocessor
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com