Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32AID Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS32AID
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS32AID Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM26LS32AID Datasheet HTML 2Page - Texas Instruments AM26LS32AID Datasheet HTML 3Page - Texas Instruments AM26LS32AID Datasheet HTML 4Page - Texas Instruments AM26LS32AID Datasheet HTML 5Page - Texas Instruments AM26LS32AID Datasheet HTML 6Page - Texas Instruments AM26LS32AID Datasheet HTML 7Page - Texas Instruments AM26LS32AID Datasheet HTML 8Page - Texas Instruments AM26LS32AID Datasheet HTML 9Page - Texas Instruments AM26LS32AID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
S1Open
S2Closed
5kΩ
S1
RL =2kΩ
VCC
FromOutput
UnderTest
CL
(seeNote A)
SeeNoteB
S2
tPHL
VOH
VOL
2.5V
–2.5V
tPLH
S1andS2Closed
VOLTAGEWAVEFORMSFORtPLH,tPHL
TESTCIRCUIT
10%
90%
10%
90%
0
3V
10%
10%
90%
90%
1.3V1.3V
1.3V
1.3V
3V
0
≤5ns
10%
90%
10%
90%
0
3V
10%
10%
90%
90%
1.3V1.3V
1.3V
1.3V
3V
0
EnableG
EnableG
tPZH
1.3V
Output
VOH
0.5V
≈1.4V
tPHZ
S1Closed
S2Closed
tPZL
1.3V
S1Closed
S2Open
S1Closed
S2Closed
VOL
0.5V
tPLZ
VOLTAGEWAVEFORMSFORtPHZ,tPZH
VOLTAGEWAVEFORMSFORtPLZ,tPZL
Test
Point
Output
SeeNoteC
SeeNoteC
Input
Output
EnableG
EnableG
≤5ns
≤5ns
≤5ns
≈1.4V
NOTES: A.C
L includesprobeandjigcapacitance.
B. Alldiodesare1N3064orequivalent.
C.EnableGistestedwith G high;
istestedwithGlow.
G
00
1.3V
1.3V
AM26LS32AC
,, AM26LS32AI,, AM26LS33AC
AM26LS32AM, AM26LS33AM
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS115E – OCTOBER 1980 – REVISED OCTOBER 2007
Figure 1. Test Circuit and Voltage Waveforms
6
Submit Documentation Feedback
Copyright © 1980–2007, Texas Instruments Incorporated
Product Folder Link(s): AM26LS32AC AM26LS32AI AM26LS33AC AM26LS32AM AM26LS33AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com