Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32AIDE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS32AIDE4
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26LS32AIDE4 Datasheet(HTML) 5 Page - Texas Instruments

  AM26LS32AIDE4 Datasheet HTML 1Page - Texas Instruments AM26LS32AIDE4 Datasheet HTML 2Page - Texas Instruments AM26LS32AIDE4 Datasheet HTML 3Page - Texas Instruments AM26LS32AIDE4 Datasheet HTML 4Page - Texas Instruments AM26LS32AIDE4 Datasheet HTML 5Page - Texas Instruments AM26LS32AIDE4 Datasheet HTML 6Page - Texas Instruments AM26LS32AIDE4 Datasheet HTML 7Page - Texas Instruments AM26LS32AIDE4 Datasheet HTML 8Page - Texas Instruments AM26LS32AIDE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
AM26LS32AC
,, AM26LS32AI,, AM26LS33AC
AM26LS32AM, AM26LS33AM
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS115E – OCTOBER 1980 – REVISED OCTOBER 2007
ELECTRICAL CHARACTERISTICS (continued)
over recommended ranges of VCC, VIC, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
IL
Low-level enable current
VI = 0.4 V
–0.36
mA
ri
Input resistance
VIC = –15 V to 15 V,
One input to ac ground
12
15
k
Ω
Short-circuit output
IOS
VCC = MAX
–15
–85
mA
current(3)
ICC
Supply current
VCC = MAX,
All outputs disabled
52
70
mA
(3)
Not more than one output should be shorted to ground at a time, and duration of the short circuit should not exceed one second.
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Propagation delay time, low-to-high-level
tPLH
20
35
output
CL = 15 pF,
See Figure 1
ns
Propagation delay time, high-to-low-level
tPHL
22
35
output
tPZH
Output enable time to high level
17
22
CL = 15 pF,
See Figure 1
ns
tPZL
Output enable time to low level
20
25
tPHZ
Output disable time from high level
21
30
CL = 15 pF,
See Figure 1
ns
tPLZ
Output disable time from low level
30
40
(1)
All typical values are at VCC = 5 V, TA = 25°C, and VIC = 0.
Copyright © 1980–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): AM26LS32AC AM26LS32AI AM26LS33AC AM26LS32AM AM26LS33AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com