Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7812BSPAP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812BSPAP
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7812BSPAP Datasheet(HTML) 33 Page - Texas Instruments

Back Button AMC7812BSPAP Datasheet HTML 29Page - Texas Instruments AMC7812BSPAP Datasheet HTML 30Page - Texas Instruments AMC7812BSPAP Datasheet HTML 31Page - Texas Instruments AMC7812BSPAP Datasheet HTML 32Page - Texas Instruments AMC7812BSPAP Datasheet HTML 33Page - Texas Instruments AMC7812BSPAP Datasheet HTML 34Page - Texas Instruments AMC7812BSPAP Datasheet HTML 35Page - Texas Instruments AMC7812BSPAP Datasheet HTML 36Page - Texas Instruments AMC7812BSPAP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
ADC Data Format
For a single-ended input, the conversion result is stored in straight binary format. For a differential input, the
results are stored in twos complement format.
SCLK Clock Noise Reduction
To avoid noise caused by the bus clock, TI recommends that no bus clock activity occur for at least the
conversion process time immediately after the ADC conversion starts.
Programmable Conversion Rate
The maximum conversion rate is 500 kSPS for a single channel in auto mode, as shown in Table 1. The
conversion rate is programmable through the CONV-RATE-[1:0] bits of the AMC configuration register 1. When
more than one channel is selected, the conversion rate is divided by the number of channels selected in ADC
channel register 0 and ADC channel register 1. In auto mode, the CONV-RATE-[1:0] bits determine the actual
conversion rate. In direct mode, the CONV-RATE-[1:0] bits limit the maximum possible conversion rate. The
actual conversion rate in direct mode is determined by the rate of the conversion trigger. Note that when a trigger
is issued, there may be a delay of up to 4 µs to internally synchronize and initiate the start of the sequential
channel conversion process. In both direct and auto modes, when the CONV-RATE-[1:0] bits are set to a value
other than the maximum rate ('00'), nap mode is activated between conversions. By activating nap mode, the
AIDD supply current is reduced; see Figure 67.
Table 1. ADC Conversion Rate
tACQ
tCONV
NAP
THROUGHPUT
CONV-RATE-1
CONV-RATE-0
(µs)
(µs)
ENABLED
(Single-Channel Auto Mode)
0
0
0.375
1.625
No
500 kSPS (default)
0
1
2.375
1.625
Yes
250 kSPS
1
0
6.375
1.625
Yes
125 kSPS
1
1
14.375
1.625
Yes
62.5 kSPS
Handshaking with the Host (see AMC configuration register 0)
The DAV pin and the DAVF (data available flag) bit in AMC configuration register 0 provide handshaking with the
host. Pin and bit status depend on the conversion mode (direct or auto); see Figure 84 and Figure 85. In direct
mode, after ADC-n-data registers of all selected channels are updated, the DAVF bit in AMC configuration
register 0 is set immediately to '1', and the DAV pin is active (low) to signify that new data are available. By
reading the ADC-n-data register or restarting via the external CNVT pin, the ADC clears the DAVF bit to '0' and
deactivates the DAV pin (high). If an internal convert start (ICONV bit) is used to start the new ADC conversion,
an ADC-n-data register must be read after the current conversion completes before a new conversion can be
started in order to reset the DAV status.
In auto-mode, after the ADC-n-data registers of the selected channels are updated, a pulse of 1 µs (low) appears
on the DAV pin to signify that new data are available. However, the DAVF bit is always cleared to '0' in auto-
mode.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com