Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM324APW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM324APW
Description  Quadruple Operational Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM324APW Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM324APW Datasheet HTML 4Page - Texas Instruments LM324APW Datasheet HTML 5Page - Texas Instruments LM324APW Datasheet HTML 6Page - Texas Instruments LM324APW Datasheet HTML 7Page - Texas Instruments LM324APW Datasheet HTML 8Page - Texas Instruments LM324APW Datasheet HTML 9Page - Texas Instruments LM324APW Datasheet HTML 10Page - Texas Instruments LM324APW Datasheet HTML 11Page - Texas Instruments LM324APW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Frequency (Hz)
100 200
500 1000
10000
100000
1000000
0
10
20
30
40
50
60
70
80
90
D006
Frequency (Hz)
1000 2000
5000 10000
100000
1000000
0
2.5
5
7.5
10
12.5
15
17.5
20
D007
Temperature (GC)
-55 -40 -25 -10
5
20
35
50
65
80
95
110 125
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
D003
Time (2S)
0
5
10
15
20
25
30
35
40
45
50
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
D004
Input
Output
Output Sink Current (mA)
0.001
0.01
0.1 0.2 0.5 1
2 3 5 710 20
50 100
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1
2
3
5
10
D001
VCC = 15 V
VCC = 5 V
VCC = 30 V
Output Source Current (mA)
0.001
0.01
0.1 0.2 0.5 1
2 3 5 710 20
50 100
1
2
3
4
5
6
7
8
D002
VCC = 15 V
LM224K, LM224KA, LM324, LM324A, LM324K, LM324KA, LM2902
LM124, LM124A, LM224, LM224A, LM2902V, LM2902K, LM2902KV, LM2902KAV
SLOS066W – SEPTEMBER 1975 – REVISED MARCH 2015
www.ti.com
6.9 Typical Characteristics
Figure 1. Output Sinking Characteristics
Figure 2. Output Sourcing Characteristics
Figure 3. Source Current Limiting
Figure 4. Voltage Follower Large Signal Response (50 pF)
Figure 5. Common-Mode Rejection Ratio
Figure 6. Maximum Output Swing vs. Frequency
(VCC = 15 V)
8
Submit Documentation Feedback
Copyright © 1975–2015, Texas Instruments Incorporated
Product Folder Links: LM224K LM224KA LM324 LM324A LM324K LM324KA LM2902 LM124 LM124A LM224
LM224A LM2902V LM2902K LM2902KV LM2902KAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com