Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40EPF Datasheet(PDF) 3 Page - International Rectifier

Part # 40EPF
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40EPF Datasheet(HTML) 3 Page - International Rectifier

  40EPF Datasheet HTML 1Page - International Rectifier 40EPF Datasheet HTML 2Page - International Rectifier 40EPF Datasheet HTML 3Page - International Rectifier 40EPF Datasheet HTML 4Page - International Rectifier 40EPF Datasheet HTML 5Page - International Rectifier 40EPF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
40EPF.. HV
QUIETIR Series
Bulletin I2129 rev. A 06/98
T
J
Max. Junction Temperature Range
- 40 to 150
°C
T
stg
Max. Storage Temperature Range
- 40 to 150
°C
R
thJC
Max. Thermal Resistance Junction
0.6
°C/W
DC operation
to Case
R
thJA
Max. Thermal Resistance Junction
40
°C/W
to Ambient
R
thCS
Typical Thermal Resistance, Case to
0.2
°C/W
Mounting surface , smooth and greased
Heatsink
wt
Approximate Weight
6 (0.21)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Case Style
TO-247AC
JEDEC (Modified)
Thermal-Mechanical Specifications
Parameters
40EPF..
Units
Conditions
Kg-cm
(Ibf-in)
Fig.1-CurrentRatingCharacteristics
Fig.2-CurrentRatingCharacteristics
Fig.3-ForwardPowerLossCharacteristics
Fig.4-ForwardPowerLossCharacteristics
60
70
80
90
100
110
120
130
140
150
0
102030
40506070
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
40EPF.. Series
R
(DC) = 0.6 °C/W
thJC
60
70
80
90
100
110
120
130
140
150
0
5
10
15
20
25
30
35
40
45
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
40EPF.. Series
R
(DC) = 0.6 °C/W
thJC
0
10
20
30
40
50
60
70
0
5
10
15
20
25
30
35
40
45
RMS Limit
180°
120°
90°
60°
30°
Conduction Angle
Average Forward Current (A)
40EPF.. Series
T = 150°C
J
0
10
20
30
40
50
60
70
80
90
0
1020
3040
5060
70
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average Forward Current (A)
40EPF.. Series
T = 150°C
J



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com