Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83266VF Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 45Page - National Semiconductor (TI) DP83266VF Datasheet HTML 46Page - National Semiconductor (TI) DP83266VF Datasheet HTML 47Page - National Semiconductor (TI) DP83266VF Datasheet HTML 48Page - National Semiconductor (TI) DP83266VF Datasheet HTML 49Page - National Semiconductor (TI) DP83266VF Datasheet HTML 50Page - National Semiconductor (TI) DP83266VF Datasheet HTML 51Page - National Semiconductor (TI) DP83266VF Datasheet HTML 52Page - National Semiconductor (TI) DP83266VF Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 152 page
background image
70 Control Information (Continued)
TABLE 7-7 MAC Counters and Timer Thresholds
Addr
Name
Register Contents
080 – 086
Reserved
087
THSH1
Null(7 – 4) THSH1(3 – 0)
088 – 092
Reserved
093
TMAX
Null(7 – 4) TMAX(3 – 0)
094 – 096
Reserved
097
TVX
Null(7 – 4) TVX(3 – 0)
098
TNEG0
TNEG(31 – 24)
099
TNEG1
TNEG(23 – 16)
09A
TNEG2
TNEG(15 – 8)
09B
TNEG3
TNEG(7 – 0)
09C – 09E
Reserved
09F
LTCT
LTCT(7 – 0)
0A0
FRCT0
Zero(31 – 24)
0A1
FRCT1
Null(7 – 4) FRCT(19 – 16)
0A2
FRCT2
FRCT(15 – 8)
0A3
FRCT3
FRCT(7 – 0)
0A4
EICT0
Zero(31 – 24)
0A5
EICT1
Null(7 – 4) EICT(19 – 16)
0A6
EICT2
EICT(15 – 8)
0A7
EICT3
EICT(7 – 0)
0A8
LFCT0
Zero(31 – 24)
0A9
LFCT1
Null(7 – 4) LFCT(19 – 16)
0AA
LFCT2
LFCT(15 – 8)
0AB
LFCT3
LFCT(7 – 0)
0AC
FCCT0
Zero(31 – 24)
0AD
FCCT1
Null(7 – 4) FCCT(19 – 16)
0AE
FCCT2
FCCT(15 – 8)
0AF
FCCT3
FCCT(7 – 0)
Addr
Name
Register Contents
0B0
FNCT0
Zero(31 – 24)
0B1
FNCT1
Null(7 – 4) FNCT(19 – 16)
0B2
FNCT2
FNCT(15 – 8)
0B3
FNCT3
FNCT(7 – 0)
0B4
FTCT0
Zero(31 – 24)
0B5
FTCT1
Null(7 – 4) FTCT(19 – 16)
0B6
FTCT2
FTCT(15 – 8)
0B7
FTCT3
FTCT(7 – 0)
0B8
TKCT0
Zero(31 – 24)
0B9
TKCT1
Null(7 – 4) TKCT(19 – 16)
0BA
TKCT2
TKCT(15 – 8)
0BB
TKCT3
TKCT(7 – 0)
0BC
RLCT0
Zero(31 – 24)
0BD
RLCT1
Null(7 – 4) RLCT(19 – 16)
0BE
RLCT2
RLCT(15 – 8)
0BF
RLCT3
RLCT(7 – 0)
Note 1
Null(7–4) indicates that these bits are forced to zero on reads and
are ignored on writes
Note 2
The value obtained on reads from reserved locations is not speci-
fied
Note 3
On Master Reset the event counters are not cleared
The event counters are 20-bit counters and are read
through three control accesses In order to guarantee a
consistent snapshot whenever byte 3 of an event counter is
read byte 1 and byte 2 of the counters are loaded into a
holding register Byte 1 and byte 2 may then be read from
the holding register A single holding register is shared by all
of the counters but (for convenience) is accessible at sever-
al places within the address space Consistent readings
across counters can be accomplished using the Counter
Increment Latch Register (CILR)
The event counters are not reset as a result of a Master
Reset This may be done by either reading the counters out
and keeping track relative to the initial value read or by
writing a value to all of the counters in stop mode The
counters may be written in any order With some excep-
tions interrupts are available when the counters increment
or wraparound
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com