Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CER0455B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0455B
Description  Surface mount, silver (Ag) coated ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0455B Datasheet(HTML) 2 Page - CTS Corporation

  CER0455B Datasheet HTML 1Page - CTS Corporation CER0455B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0455B
5.6 GHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
15.50
max
B
2.70
max
C
1.02
0.13
D
0.38
0.13
E
0.38
0.13
F
2.89
0.13
G
9.72
0.13
H
4.30
max
I
1.02
0.13
J
1.00
max
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
5.5
REEL QUANTITY
ea.
500
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Rev 1 – Origin Date: July 31, 2006 – Revision Date: January 12, 2007
Customer Feed Direction
Product Marking
CTS
55B
YWW
-80
-70
-60
-50
-40
-30
-20
-10
0
4800
5000
5200
5400
5600
5800
6000
-40
-30
-20
-10
0
10
20
30
40
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
1.26"/32
0.157"/4
0.622"/15.8
0.175"/4.45
0.472"/12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com