Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72CPQ030 Datasheet(PDF) 3 Page - International Rectifier

Part # 72CPQ030
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

72CPQ030 Datasheet(HTML) 3 Page - International Rectifier

  72CPQ030 Datasheet HTML 1Page - International Rectifier 72CPQ030 Datasheet HTML 2Page - International Rectifier 72CPQ030 Datasheet HTML 3Page - International Rectifier 72CPQ030 Datasheet HTML 4Page - International Rectifier 72CPQ030 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
72CPQ030
PD-20557 rev. B 11/99
www.irf.com
3
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage (Per Leg)
Fig. 4 - Max. Thermal Impedance Z
thJC
Characteristics (Per Leg)
Fig. 1 - Max. Forward Voltage Drop Characteristics
(PerLeg)
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
T = 150°C
T = 125°C
T = 25°C
J
J
J
FM
Forward Voltage Drop - V
(V)
1000
10000
0
5
10
15
20
25
30
35
R
Reverse Voltage - V (V)
T = 25°C
J
0.01
0.1
1
10
100
1000
0
5
10
15
20
25
30
R
125°C
100°C
75°C
50°C
25°C
Reverse Voltage - V
(V)
T = 150°C
J
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Single Pulse
(Thermal Resistance)
1
t , Rectangular Pulse Duration (Seconds)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
2
t
1
t
P
DM
1
2
J
DM
thJC
C
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com