Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS368AW Datasheet(PDF) 4 Page - Texas Instruments

Part # DM54LS368AW
Description  Hex TRI-STATE(RM) Inverting Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM54LS368AW Datasheet(HTML) 4 Page - Texas Instruments

  DM54LS368AW Datasheet HTML 1Page - Texas Instruments DM54LS368AW Datasheet HTML 2Page - Texas Instruments DM54LS368AW Datasheet HTML 3Page - Texas Instruments DM54LS368AW Datasheet HTML 4Page - Texas Instruments DM54LS368AW Datasheet HTML 5Page - Texas Instruments DM54LS368AW Datasheet HTML 6Page - Texas Instruments DM54LS368AW Datasheet HTML 7Page - Texas Instruments DM54LS368AW Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
RL e 667X
Symbol
Parameter
CL e 50 pF
CL e 150 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time Low
15
25
ns
to High Level Output
tPHL
Propagation Delay Time High
18
25
ns
to Low Level Output
tPZH
Output Enable Time to
30
35
ns
High Level Output
tPZL
Output Enable Time to
30
40
ns
Low Level Output
tPHZ
Output Disable Time from
20
ns
High Level Output (Note 6)
tPLZ
Output Disable Time from
20
ns
Low Level Output (Note 6)
Note 6
CL e 5 pF
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com