Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC74D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALVC74D
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC74D Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALVC74D Datasheet HTML 1Page - NXP Semiconductors 74ALVC74D Datasheet HTML 2Page - NXP Semiconductors 74ALVC74D Datasheet HTML 3Page - NXP Semiconductors 74ALVC74D Datasheet HTML 4Page - NXP Semiconductors 74ALVC74D Datasheet HTML 5Page - NXP Semiconductors 74ALVC74D Datasheet HTML 6Page - NXP Semiconductors 74ALVC74D Datasheet HTML 7Page - NXP Semiconductors 74ALVC74D Datasheet HTML 8Page - NXP Semiconductors 74ALVC74D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2003 May 26
4
Philips Semiconductors
Product specification
Dual D-type flip-flop with set and reset;
positive-edge trigger
74ALVC74
PINNING
PIN
SYMBOL
DESCRIPTION
11RD
asynchronous reset-direct input
(active LOW)
2
1D
data input
3
1CP
clock input (LOW-to-HIGH,
edge-triggered)
41SD
asynchronous set-direct input
(active LOW)
5
1Q
true flip-flop output
61Q
complement flip-flop output
7
GND
ground (0 V)
82Q
complement flip-flop output
9
2Q
true flip-flop output
10
2SD
asynchronous set-direct input
(active LOW)
11
2CP
clock input (LOW-to-HIGH,
edge-triggered)
12
2D
data input
13
2RD
asynchronous reset-direct input
(active LOW)
14
VCC
supply voltage
Fig.1 Pin configuration SO14 and TSSOP14.
handbook, halfpage
MNA417
74
1
2
3
4
5
6
7
8
14
13
12
11
10
9
1RD
1D
1CP
1SD
1Q
1Q
GND
2Q
2Q
2SD
2CP
2D
2RD
VCC
Fig.2 Pin configuration DHVQFN14.
handbook, halfpage
114
1RD
VCC
7
2
3
4
5
6
1D
1CP
1SD
1Q
1Q
13
12
11
10
9
2RD
2D
2CP
2SD
2Q
8
GND
2Q
GND(1)
Top view
MDB105
(1) The die substrate is attached to this pad using conductive die
attach material. It can not be used as a supply pin or input.
Fig.3 Logic symbol.
MNA418
handbook, halfpage
RD
FF
SD
410
Q
1Q
2Q
1Q
2Q
5
9
2
12
3
11
6
8
Q
1SD
CP
2CP
1CP
2D
1D
D
2SD
113
1RD 2RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com