Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC74PW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74ALVC74PW
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC74PW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVC74PW Datasheet HTML 5Page - NXP Semiconductors 74ALVC74PW Datasheet HTML 6Page - NXP Semiconductors 74ALVC74PW Datasheet HTML 7Page - NXP Semiconductors 74ALVC74PW Datasheet HTML 8Page - NXP Semiconductors 74ALVC74PW Datasheet HTML 9Page - NXP Semiconductors 74ALVC74PW Datasheet HTML 10Page - NXP Semiconductors 74ALVC74PW Datasheet HTML 11Page - NXP Semiconductors 74ALVC74PW Datasheet HTML 12Page - NXP Semiconductors 74ALVC74PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2003 May 26
9
Philips Semiconductors
Product specification
Dual D-type flip-flop with set and reset;
positive-edge trigger
74ALVC74
Note
1. All typical values are measured at Tamb =25 °C.
AC WAVEFORMS
fmax
maximum clock pulse
frequency
see Figs 6 and 8
1.65 to 1.95
150
275
−
MHz
2.3 to 2.7
200
325
−
MHz
2.7
250
375
−
MHz
3.0 to 3.6
300
425
−
MHz
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)
handbook, full pagewidth
MNA422
th
tsu
th
tPHL
tPHL
tW
tPLH
tPLH
tsu
1/fmax
VM
VM
VM
VM
VI
GND
VI
GND
nCP input
nD input
VOH
VOL
nQ output
VOH
VOL
nQ output
Fig.6
The clock (nCP) to output (nQ, nQ) propagation delays, the clock pulse width, the nD to nCP set-up, the
nCP to nD hold times, the output transition times and the maximum clock pulse frequency.
VCC
VM
INPUT
VI
tr =tf
1.65 to 1.95 V
0.5
× VCC
VCC
≤ 2.0 ns
2.3 to 2.7 V
0.5
× V
CC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com