Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST3251 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74FST3251
Description  8:1 Multiplexer/Demultiplexer Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3251 Datasheet(HTML) 1 Page - ON Semiconductor

  74FST3251 Datasheet HTML 1Page - ON Semiconductor 74FST3251 Datasheet HTML 2Page - ON Semiconductor 74FST3251 Datasheet HTML 3Page - ON Semiconductor 74FST3251 Datasheet HTML 4Page - ON Semiconductor 74FST3251 Datasheet HTML 5Page - ON Semiconductor 74FST3251 Datasheet HTML 6Page - ON Semiconductor 74FST3251 Datasheet HTML 7Page - ON Semiconductor 74FST3251 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 1
1
Publication Order Number:
74FST3251/D
74FST3251
8:1 Multiplexer/
Demultiplexer Bus Switch
The ON Semiconductor 74FST3251 is an 8:1, high performance
multiplexer/demultiplexer bus switch. The device is CMOS TTL
compatible when operating between 4 and 5.5 Volts. The device
exhibits extremely low RON and adds nearly zero propagation delay.
The device adds no noise or ground bounce to the system.
• R
ON
t 4 W Typical
• Less Than 0.25 ns–Max Delay Through Switch
• Nearly Zero Standby Current
• No Circuit Bounce
• Control Inputs are TTL/CMOS Compatible
• All Popular Packages: QSOP–16, TSSOP–16, SOIC–16
QSOP/SSOP/TSSOP
TOP VIEW
GND
OE
NC
A
B1
B2
B3
B4
9
10
11
12
13
14
15
16
S2
S1
S0
B8
B7
B6
B5
VCC
8
7
6
5
4
3
2
1
Inputs
OE
S2
S1
S0
Function
L
L
L
L
A Port = B1 Port
L
L
L
H
A Port = B2 Port
L
L
H
L
A Port = B3 Port
L
L
H
H
A Port = B4 Port
L
H
L
L
A Port = B5 Port
L
H
L
H
A Port = B6 Port
L
H
H
L
A Port = B7 Port
L
H
H
H
A Port = B8 Port
H
X
X
X
Disconnect
NOTE: H = HIGH Voltage Level, L = LOW Voltage Level, X = Don’t Care
Description
PIN NAMES
OE1, OE2
S0, S1
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
74FST3251D
SO–16
48 Units/Rail
74FST3251DR2
SO–16
74FST3251DT
TSSOP–16
2500 Units/Reel
96 Units/Rail
A
= Assembly Location
L, WL
= Wafer Lot
Y
= Year
W, WW = Work Week
74FST3251DTR2
TSSOP–16
2500 Units/Reel
74FST3251QS
QSOP–16
96 Units/Rail
74FST3251QSR
QSOP–16
2500 Units/Reel
TSSOP–16
DT SUFFIX
CASE 948F
16
1
QSOP–16
QS SUFFIX
CASE 492
SO–16
D SUFFIX
CASE 751B
16
1
1
16
FST3251
AWLYWW
MARKING
DIAGRAMS
16
1
Pin
Bus Switch Enables
Select Inputs
A
Bus A
B1, B2, B3, B4
Bus B
16
1
1
16
FST
3251
ALYW
S3251
ALYW


Similar Part No. - 74FST3251

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3251 ONSEMI-74FST3251 Datasheet
200Kb / 7P
8:1 Multiplexer/ Demultiplexer Bus Switch
June, 2006 ??Rev. 3
74FST32517D ONSEMI-74FST32517D Datasheet
85Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
74FST3251D ONSEMI-74FST3251D Datasheet
200Kb / 7P
8:1 Multiplexer/ Demultiplexer Bus Switch
June, 2006 ??Rev. 3
74FST3251DR2 ONSEMI-74FST3251DR2 Datasheet
200Kb / 7P
8:1 Multiplexer/ Demultiplexer Bus Switch
June, 2006 ??Rev. 3
74FST3251DT ONSEMI-74FST3251DT Datasheet
200Kb / 7P
8:1 Multiplexer/ Demultiplexer Bus Switch
June, 2006 ??Rev. 3
More results

Similar Description - 74FST3251

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3253 FAIRCHILD-FST3253 Datasheet
138Kb / 5P
Dual 4:1 Multiplexer/Demultiplexer Bus Switch
FST3257 FAIRCHILD-FST3257 Datasheet
96Kb / 5P
Quad 2:1 Multiplexer/Demultiplexer Bus Switch
logo
Pericom Semiconductor C...
PI5C3390 PERICOM-PI5C3390 Datasheet
122Kb / 4P
16-to-8 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3253 ONSEMI-74FST3253 Datasheet
85Kb / 8P
Dual 4:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
74FST3251 ONSEMI-74FST3251_06 Datasheet
200Kb / 7P
8:1 Multiplexer/ Demultiplexer Bus Switch
June, 2006 ??Rev. 3
logo
Fairchild Semiconductor
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
2:1 Multiplexer/Demultiplexer Bus Switch
FST3253MTCX FAIRCHILD-FST3253MTCX Datasheet
146Kb / 5P
Dual 4:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
FST3253 ONSEMI-FST3253 Datasheet
240Kb / 7P
Dual 4:1 Multiplexer/Demultiplexer Bus Switch
Revised December 1999
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com