Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1232LIN Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC1232LIN
Description  DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1232LIN Datasheet(HTML) 4 Page - Texas Instruments

  DAC1232LIN Datasheet HTML 1Page - Texas Instruments DAC1232LIN Datasheet HTML 2Page - Texas Instruments DAC1232LIN Datasheet HTML 3Page - Texas Instruments DAC1232LIN Datasheet HTML 4Page - Texas Instruments DAC1232LIN Datasheet HTML 5Page - Texas Instruments DAC1232LIN Datasheet HTML 6Page - Texas Instruments DAC1232LIN Datasheet HTML 7Page - Texas Instruments DAC1232LIN Datasheet HTML 8Page - Texas Instruments DAC1232LIN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical Characteristics (Continued)
VREF e 10000 VDC VCC e 114 VDC to 1575 VDC unless otherwise noted Boldface limits apply from TMIN to TMAX (see
Note 13)
all other limits TA e TJ e 25 C
See
Typ
Tested
Design
Symbol
Parameter
Conditions
Note
(Note 10)
Limit
Limit
Units
(Note 5)
(Note 6)
AC CHARACTERISTICS
ts
Current Setting Time
VIL e 0V VIH e 5V
10
m
s
tW
Write and XFER
VIL e 0V VIH e 5V
8
50
320
Pulse Width Min
320
tDS
Data Setup Time Min
VIL e 0V VIH e 5V
70
320
320
tDH
Data Hold Time Min
VIL e 0V VIH e 5V
30
90
ns
90
tCS
Control Setup Time Min
VIL e 0V VIH e 5V
60
320
320
tCH
Control Hold Time Min
VIL e 0V VIH e 5V
0
10
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions
Note 2
All voltages are measured with respect to GND unless otherwise specified
Note 3
This 500 mW specification applies for all packages The low intrinsic power dissipation of this part (and the fact that there is no way to significantly modify
the power dissipation) removes concern for heat sinking
Note 4
Both IOUT1 and IOUT2 must go to ground or the virtual ground of an operational amplifier The linearity error is degraded by approximately VOSdVREF For
example if VREFe10Vthena1mV offset VOS onIOUT1 or IOUT2 will introduce an additional 001% linearity error
Note 5
Tested and guaranteed to National’s AOQL (Average Outgoing Quality Level)
Note 6
Design limits are guaranteed but not 100% tested These limits are not used to calculate outgoing quality levels Guaranteed for VCC e 114V to 1575V
and VREF eb10V to a10V
Note 7
The unit FSR stands for full-scale range Linearity Error and Power Supply Rejection specs are based on this unit to eliminate dependence on a particular
VREF value to indicate the true performance of the part The Linearity Error specification of the DAC1208 is 0012% of FSR(max) This guarantees that after
performing a zero and full-scale adjustment the plot of the 4096 analog voltage outputs will each be within 0012% c VREF of a straight line which passes through
zero and full-scale The unit ppm of FSR(parts per million of full-scale range) and ppm of FS(parts per million of full-scale) are used for convenience to define specs
of very small percentage values typical of higher accuracy converters In this instance 1 ppm of FSReVREF 106 is the conversion factor to provide an actual
output voltage quantity For example the gain error tempco spec of g6 ppm of FS C represents a worst-case full-scale gain error change with temperature from
b
40 Cto a85 Cof g(6)(VREF 106)(125 C) or g075 (10b3)VREF which is g0075% of VREF
Note 8
This spec implies that all parts are guaranteed to operate with a write pulse or transfer pulse width (tW) of 320 ns A typical part will operate with tW of only
100 ns The entire write pulse must occur within the valid data interval for the specified tW tDS tDH and tS to apply
Note 9
To achieve this low feedthrough in the D package the user must ground the metal lid If the lid is left floating the feedthrough is typically 6 mV
Note 10
Typicals are at 25 C and represent the most likely parametric norm
Note 11
A 10 nA leakage current with RFbe20k and VREFe10V corresponds to a zero error of (10c10b9c20c103)c100% 10V or 0002% of FS
Note 12
Human body model 100 pF discharged through a 15 kX resistor
Note 13
Tested limit for b1 suffix parts applies only at 25 C
Connection Diagrams
Dual-In-Line Package
Dual-In-Line Package
TLH5690 – 2
See Ordering Information
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com