Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G08 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC1G08
Description  Single 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G08 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC1G08 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G08 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G08 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G08 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G08 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G08 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G08 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G08 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2004 Sep 15
3
Philips Semiconductors
Product specification
Single 2-input AND gate
74LVC1G08
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
ORDERING INFORMATION
PINNING
INPUT
OUTPUT
AB
Y
LLL
LHL
HL
L
HHH
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74LVC1G08GW
−40 °C to +125 °C
5
SC-88A
plastic
SOT353
VE
74LVC1G08GV
−40 °C to +125 °C
5
SC-74A
plastic
SOT753
V08
74LVC1G08GM
−40 °C to +125 °C
6
XSON6
plastic
SOT886
VE
PIN (TSSOP5 AND VSSOP5)
PIN (XSON6)
SYMBOL
DESCRIPTION
1
1
B
data input B
2
2
A
data input A
3
3
GND
ground (0 V)
4
4
Y
data output Y
-
5
n.c.
not connected
56
VCC
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com