Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSD986 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # KSD986
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KSD986 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  KSD986 Datasheet HTML 1Page - Inchange Semiconductor Company Limited KSD986 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN Darlington Power Transistor
KSD986
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1A; IB= 1mA
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 1A; IB= 1mA
2.0
V
ICBO
Collector Cutoff Current
VCB= 60V; IE= 0
10
μ
A
ICER
Collector Cutoff Current
VCE=60V;RBE=51Ω;TC=125℃
1.0
mA
ICEX
Collector Cutoff Current
VCE= 60V; VBE(off)= -1.5A
10
μ
A
VCE= 60V; VBE(off)= -1.5A
TC=125℃
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
2.0
mA
hFE-1
DC Current Gain
IC= 0.5A; VCE= 2V
1000
hFE-2
DC Current Gain
IC= 1A; VCE= 2V
2000
30000
Switching Times
ton
Turn-on Time
IC=1.0A; IB1=-IB2=1.0mA
VCC=50V; RL=50Ω
0.5
μ
s
tstg
Storage Time
1.0
μ
s
tf
Fall Time
1.0
μ
s
hFE-2 Classifications
R
O
Y
2000-5000
4000-10000
8000-30000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com