Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7545LP Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC7545LP
Description  CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7545LP Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC7545LP Datasheet HTML 2Page - Texas Instruments DAC7545LP Datasheet HTML 3Page - Texas Instruments DAC7545LP Datasheet HTML 4Page - Texas Instruments DAC7545LP Datasheet HTML 5Page - Texas Instruments DAC7545LP Datasheet HTML 6Page - Texas Instruments DAC7545LP Datasheet HTML 7Page - Texas Instruments DAC7545LP Datasheet HTML 8Page - Texas Instruments DAC7545LP Datasheet HTML 9Page - Texas Instruments DAC7545LP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DAC7545
6
SBAS150A
www.ti.com
FIGURE 5. 8-Bit Processor Interface.
DAC7545
CS
DB
0
DB
7
WR
DB
8
DB
11
Latch
CS
WR
44
8
Q
1
(2)
8-Bit Data Bus
Q
0
(1)
Address Bus
Address
Decode
CPU
WR
DB
7
DB
0
A
15
A
0
NOTES: (1) Q
0 = decoded address for DAC.
(2) Q
1 = decoded address for latch.
FIGURE 4. Digitally Controlled Gain Block.
R
FB
DAC7545
AGND
DGND
OUT 1
DB
0-DB11
V
IN
WR
V
OUT
CS
16
+5V
NOTE: There must be
at least 1LSB loaded in
the DAC or the amp will
saturate due to the lack
of feedback.
OPA111
17
18
19
V
OUT =
–V
IN
DB
11
+
2
DB
10
+
4
DB
9
+ ••• +
8
DB
0
4096
20
DIGITALLY-CONTROLLED GAIN BLOCK
Figure 4 shows a circuit for a digitally-controlled gain block.
The feedback for the op amp is made up of the FET switch
and the R-2R ladder. The input resistor to the gain block is
the RFB of the DAC7545. As the FET switch is in the
feedback loop, a zero code into the DAC will result in the op
amp having no feedback, and a saturated op amp output.
APPLICATION HINTS
CMOS DACs, such as the DAC7545, exhibit a code-depen-
dent out resistance. The effect of this is a code-dependent
differential nonlinearity at the amplifier output that depends on
the offset voltage, VOS, of the amplifier. Thus linearity depends
upon the potential of OUT 1 and AGND being exactly equal to
each other. Usually the DAC is connected to an external op
amp with the noninverting input connected to AGND. The op
amp selected should have a low input bias current and low VOS
and VOS drift over temperature. The op amp offset voltage
should be less than (25 • 10–6)(VREF) over operating conditions.
Suitable op amps are the OPA37 and the OPA627 for fixed
reference applications and low-bandwidth requirement; the
OPA37 has low VOS and does not require an offset trim. For
wide bandwidth, high slew rate, or fast-settling applications, the
OPA604 or 1/2 OPA2604 are recommended.
Unused digital inputs must be connected to VDD or to DGND,
this prevents noise from triggering the high impedance digital
input. It is suggested that the unused digital inputs also be
given a path to ground or VDD through a 1mW resistor to
prevent the accumulation of static charge if the PC card is
unplugged from the system. In addition, in systems where
the AGND to DGND connection is on a backplane, it is
recommended that two diodes be connected in inverse
parallel between AGND and DGND.
INTERFACING
TO MICROPROCESSORS
The DAC7545 can be directly interfaced to either an 8- or 16-
bit microprocessor through its 12-bit wide data latch using
the CS and WR controls.
An 8-bit processor interface is shown in Figure 5. It uses two
memory addresses: one for the lower 8 bits and one for the
upper 4 bits of data into the DAC via the latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com