Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7613E Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7613E
Description  12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7613E Datasheet(HTML) 2 Page - Texas Instruments

  DAC7613E Datasheet HTML 1Page - Texas Instruments DAC7613E Datasheet HTML 2Page - Texas Instruments DAC7613E Datasheet HTML 3Page - Texas Instruments DAC7613E Datasheet HTML 4Page - Texas Instruments DAC7613E Datasheet HTML 5Page - Texas Instruments DAC7613E Datasheet HTML 6Page - Texas Instruments DAC7613E Datasheet HTML 7Page - Texas Instruments DAC7613E Datasheet HTML 8Page - Texas Instruments DAC7613E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
®
DAC7613
SPECIFICATION
At TA = –40°C to +85°C, VDD = +5V, VSS = –5V, VREFH = +2.5V, and VREFL = –2.5V, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
DAC7613E
DAC7613EB
NOTES: (1) If VSS = 0V, specification applies at code 00AH and above. (2) LSB means Least Significant Bit, when VREFH equals +2.5V and VREFL equals –2.5V,
then one LSB equals 1.22mV. (3) Ideal output voltage, does not take into account zero or full-scale error. (4) If VSS = –5V, full-scale 5V step. If VSS = 0V, full-scale
positive 2.5V step and negative step from code FFFH to 00AH.
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error(1)
VSS = 0V or –5V
±2
±1
LSB(2)
Differential Linearity Error
VSS = 0V or –5V
±1
±1
LSB
Monotonicity
TMIN to TMAX
12
T
Bits
Zero-Scale Error
Code = 000H
±4
T
LSB
Zero-Scale Drift
25
TT
ppm/
°C
Full-Scale Error
Code = FFFH
±4
T
LS
Zero-Scale Error
Code = 00AH, VSS = 0V
±8
T
LSB
Zero-Scale Drift
VSS = 0V
5
10
TT
ppm/
°C
Full-Scale Error
Code = FFFH, VSS = 0V
±8
T
LSB
Power Supply Rejection
30
T
ppm /V
ANALOG OUTPUT
Voltage Output(3)
VREFL = 0V, VSS = 0V
0
VREFH
TT
V
VSS = –5V
VREFL
VREFH
TT
V
Output Current
–1.25
+1.25
TT
mA
Load Capacitance
No Oscillation
100
T
pF
Short-Circuit Current
+5, –15
T
mA
Short-Circuit Duration
Indefinite
T
REFERENCE INPUT
VREFH Input Range
VSS = 0V or –5V
VREFL + 1.25
+2.5
TT
V
VREFL Input Range
VSS = 0V
0
VREFH – 1.25
TT
V
VREFL Input Range
VSS = –5V
–2.5
VREFH – 1.25
TT
V
DYNAMIC PERFORMANCE
Settling Time(4)
To
±0.012%
5
10
TT
µs
Output Noise Voltage
0Hz to 1MHz
40
T
nV/
√Hz
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
T
Logic Levels
VIH
IIH ≤ ±10µA
0.7 VDD
VDD + 0.3
TT
V
VIL
IIL ≤ ±10µA
–0.3
0.3 VDD
TT
V
VOH
IOH = –0.8mA
3.6
VDD
TT
V
VOL
IOL = 1.6mA
0.0
0.4
TT
V
Data Format
Straight Binary
T
POWER SUPPLY REQUIREMENTS
VDD
4.75
5.25
TT
V
VSS
If VSS ≠ 0V
–5.25
–4.75
TT
V
IDD
0.35
0.5
TT
mA
ISS
–0.65
–0.45
TT
mA
Power Dissipation
VSS = –5V
4
5.75
TT
mW
VSS = 0V
1.8
2.5
TT
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com