Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G02DP Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # 74LVC2G02DP
Description  Dual 2-input NOR gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

74LVC2G02DP Datasheet(HTML) 4 Page - Panasonic Semiconductor

  74LVC2G02DP Datasheet HTML 1Page - Panasonic Semiconductor 74LVC2G02DP Datasheet HTML 2Page - Panasonic Semiconductor 74LVC2G02DP Datasheet HTML 3Page - Panasonic Semiconductor 74LVC2G02DP Datasheet HTML 4Page - Panasonic Semiconductor 74LVC2G02DP Datasheet HTML 5Page - Panasonic Semiconductor 74LVC2G02DP Datasheet HTML 6Page - Panasonic Semiconductor 74LVC2G02DP Datasheet HTML 7Page - Panasonic Semiconductor 74LVC2G02DP Datasheet HTML 8Page - Panasonic Semiconductor 74LVC2G02DP Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2004 Sep 15
4
Philips Semiconductors
Product specification
Dual 2-input NOR gate
74LVC2G02
02
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aab642
1
2
3
4
6
5
8
7
Fig.1 Pin configuration TSSOP8 and VSSOP8.
02
2B
1Y
VCC
2A
2Y
1B
1A
GND
001aab643
36
27
18
45
Transparent top view
Fig.2 Pin configuration XSON8.
handbook, halfpage
MNA716
1A
1B
1Y
2
1
7
2A
2B
2Y
6
5
3
Fig.3 Logic symbol.
handbook, halfpage
MNA717
7
≥ 1
≥ 1
2
1
3
6
5
Fig.4 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com