Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G04 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 74LVC2G04
Description  Dual inverter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

74LVC2G04 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  74LVC2G04 Datasheet HTML 1Page - Panasonic Semiconductor 74LVC2G04 Datasheet HTML 2Page - Panasonic Semiconductor 74LVC2G04 Datasheet HTML 3Page - Panasonic Semiconductor 74LVC2G04 Datasheet HTML 4Page - Panasonic Semiconductor 74LVC2G04 Datasheet HTML 5Page - Panasonic Semiconductor 74LVC2G04 Datasheet HTML 6Page - Panasonic Semiconductor 74LVC2G04 Datasheet HTML 7Page - Panasonic Semiconductor 74LVC2G04 Datasheet HTML 8Page - Panasonic Semiconductor 74LVC2G04 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2004 Sep 15
2
Philips Semiconductors
Product specification
Dual inverter
74LVC2G04
FEATURES
• Wide supply voltage range from 1.65 V to 5.5 V
• 5 V tolerant input/output for interfacing with 5 V logic
• High noise immunity
• Complies with JEDEC standard:
– JESD8-7 (1.65 V to 1.95 V)
– JESD8-5 (2.3 V to 2.7 V)
– JESD8B/JESD36 (2.7 V to 3.6 V).
• ESD protection:
– HBM EIA/JESD22-A114-B exceeds 2000 V
– MM EIA/JESD22-A115-A exceeds 200 V.
•±24 mA output drive (VCC = 3.0 V)
• CMOS low power consumption
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Multiple package options
• Specified from −40 °C to +85 °C and
−40 °C to +125 °C.
DESCRIPTION
The 74LVC2G04 is a high-performance, low-power,
low-voltage, Si-gate CMOS device and superior to most
advanced CMOS compatible TTL families.
Inputs can be driven from either 3.3 V or 5 V devices.
These feature allows the use of these devices as
translators in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down
applications using Ioff. The Ioff circuitry disables the output,
preventing the damaging backflow current through the
device when it is powered down.
The 74LVC2G04 provides two inverting buffers.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
∑(CL × VCC2 × fo) = sum of outputs.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
propagation delay inputs nA to
outputs nY
VCC = 1.8 V; CL = 30 pF; RL =1kΩ
3.5
ns
VCC = 2.5 V; CL = 30 pF; RL = 500 Ω
2.2
ns
VCC = 2.7 V; CL = 50 pF; RL = 500 Ω
2.7
ns
VCC = 3.3 V; CL = 50 pF; RL = 500 Ω
2.7
ns
VCC = 5.0 V; CL = 50 pF; RL = 500 Ω
1.9
ns
CI
input capacitance
2.5
pF
CPD
power dissipation capacitance per gate
VCC = 3.3 V; notes 1 and 2
13.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com