Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G32 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC2G32
Description  Dual 2-input OR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G32 Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC2G32 Datasheet HTML 1Page - NXP Semiconductors 74LVC2G32 Datasheet HTML 2Page - NXP Semiconductors 74LVC2G32 Datasheet HTML 3Page - NXP Semiconductors 74LVC2G32 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G32 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G32 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G32 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G32 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2004 Sep 22
4
Philips Semiconductors
Product specification
Dual 2-input OR gate
74LVC2G32
32
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aab742
1
2
3
4
6
5
8
7
Fig.1 Pin configuration TSSOP8 and VSSOP8.
32
2B
1Y
VCC
2A
2Y
1B
1A
GND
001aab743
36
27
18
45
Transparent top view
Fig.2 Pin configuration XSON8.
handbook, halfpage
MNA733
1A
1B
1Y
2
1
7
2A
2B
2Y
6
5
3
Fig.3 Logic symbol.
mna734
7
≥ 1
≥ 1
2
1
3
6
5
Fig.4 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com