Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G32DP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC2G32DP
Description  Dual 2-input OR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G32DP Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC2G32DP Datasheet HTML 1Page - NXP Semiconductors 74LVC2G32DP Datasheet HTML 2Page - NXP Semiconductors 74LVC2G32DP Datasheet HTML 3Page - NXP Semiconductors 74LVC2G32DP Datasheet HTML 4Page - NXP Semiconductors 74LVC2G32DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G32DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G32DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G32DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G32DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2004 Sep 22
5
Philips Semiconductors
Product specification
Dual 2-input OR gate
74LVC2G32
handbook, halfpage
MNA166
B
A
Y
Fig.5 Logic diagram (one gate).
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VO
output voltage
active mode
0
VCC
V
VCC = 0 V; Power-down mode
0
5.5
V
Tamb
ambient temperature
−40
+125
°C
tr,tf
input rise and fall times
VCC = 1.65 V to 2.7 V
0
20
ns/V
VCC = 2.7 V to 5.5 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+6.5
V
IIK
input diode current
VI <0V
−−50
mA
VI
input voltage
note 1
−0.5
+6.5
V
IOK
output diode current
VO >VCC or VO <0V
−±50
mA
VO
output voltage
active mode; notes 1 and 2
−0.5
VCC + 0.5 V
Power-down mode; notes 1 and 2
−0.5
+6.5
V
IO
output source or sink current
VO =0VtoVCC
−±50
mA
ICC, IGND
VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
PD
power dissipation per package
Tamb = −40 °C to +125 °C
−
300
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com