Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T520B686M004AS Datasheet(PDF) 2 Page - Kemet Corporation

Part # T520B686M004AS
Description  Low ESR Tantalum Chip Capacitor with Polymer Electrode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520B686M004AS Datasheet(HTML) 2 Page - Kemet Corporation

  T520B686M004AS Datasheet HTML 1Page - Kemet Corporation T520B686M004AS Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T520 Ordering Information
Recommended Mounting Pad
Geometries - Millimeters
Component Marking
Pad Dimensions
KEMET/EIA Size Code
Z
G
X
Y
C
(ref)
(ref)
B/3528-21
5.00
1.10
2.50
1.95
2.75
V/7343-20, D/7343-31, 8.90
3.80
2.70
2.55
6.35
X/7343-43
Land Pattern Dimensions for
Reflow Solder
Case Codes
Tape & Reel Dimensions
Tape
Pitch
Reel Quantity
KEMET
EIA
Width
mm ± 0.1
mm
Part Spro-
180mm
330mm
cket
(7” dia)
(13” dia)
B
3528-21 8 ± 0.3
4
4
2000
8000
V
7343-20 12 ± 0.3
8
4
1000
3000
D
7343-31 12 ± 0.3
8
4
500
2500
X
7343-43 12 ± 0.3
8
4
500
2000
Tape & Reel Packaging
T520 Series Construction
Capacitance
ESR and Impedance
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com