Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G66DC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC2G66DC
Description  Bilateral switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G66DC Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC2G66DC Datasheet HTML 1Page - NXP Semiconductors 74LVC2G66DC Datasheet HTML 2Page - NXP Semiconductors 74LVC2G66DC Datasheet HTML 3Page - NXP Semiconductors 74LVC2G66DC Datasheet HTML 4Page - NXP Semiconductors 74LVC2G66DC Datasheet HTML 5Page - NXP Semiconductors 74LVC2G66DC Datasheet HTML 6Page - NXP Semiconductors 74LVC2G66DC Datasheet HTML 7Page - NXP Semiconductors 74LVC2G66DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2G66DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
9397 750 13259
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 29 June 2004
5 of 22
Philips Semiconductors
74LVC2G66
Bilateral switch
[1]
To avoid drawing VCC current out of terminal nZ, when switch current flows in terminal nY, the voltage drop
across the bidirectional switch must not exceed 0.4 V. If the switch current flows into terminal nZ, no VCC
current will flow out of terminal nY. In this case there is no limit for the voltage drop across the switch.
[2]
For overvoltage tolerant switch voltage capability, see the 74LVCV2G66.
[3]
Applies to control signal levels.
11. Static characteristics
Tamb
operating ambient
temperature
−40
-
+125
°C
tr, tf
input rise and fall times
VCC = 1.65 V to 2.7 V
[3] 0
-
20
ns/V
VCC = 2.7 V to 5.5 V
[3] 0
-
10
ns/V
Table 7:
Recommended operating conditions …continued
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 8:
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
VIH
HIGH-level input
voltage
VCC = 1.65 V to 1.95 V
0.65
× VCC --
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7
× VCC --
V
VIL
LOW-level input
voltage
VCC = 1.65 V to 1.95 V
-
-
0.35
× VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3
× VCC V
ILI
input leakage current
on control pin
VI = 5.5 V or GND; VCC = 5.5 V
-
±0.1
±5
µA
IS(OFF)
analog switch
OFF-state current
VI =VIH or VIL; |VS| =VCC − GND;
VCC = 5.5 V; see Figure 5
-
±0.1
±5
µA
IS(ON)
analog switch
ON-state current
VI =VIH or VIL; |VS| =VCC − GND;
VCC = 5.5 V; see Figure 6
-
±0.1
±5
µA
ICC
quiescent supply
current
VI =VCC or GND; VS = GND or VCC;
IO = 0 A; VCC = 5.5 V
-
0.1
10
µA
∆ICC
additional quiescent
supply current per
control pin
VI =VCC − 0.6 V; VS = GND or VCC;
IO = 0 A; VCC = 5.5 V
-
5
500
µA
CI
input capacitance
-
2.0
-
pF
CS
switch capacitance
OFF-state
-
5
-
pF
ON-state
-
9.5
-
pF
Tamb = −40 °C to +125 °C
VIH
HIGH-level input
voltage
VCC = 1.65 V to 1.95 V
0.65
× V
CC
--
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7
× V
CC
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com