Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT175 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT175
Description  QUADRUPLE D-TYPE FLIP-FLOP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74ACT175 Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT175 Datasheet HTML 1Page - Texas Instruments CD74ACT175 Datasheet HTML 2Page - Texas Instruments CD74ACT175 Datasheet HTML 3Page - Texas Instruments CD74ACT175 Datasheet HTML 4Page - Texas Instruments CD74ACT175 Datasheet HTML 5Page - Texas Instruments CD74ACT175 Datasheet HTML 6Page - Texas Instruments CD74ACT175 Datasheet HTML 7Page - Texas Instruments CD74ACT175 Datasheet HTML 8Page - Texas Instruments CD74ACT175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CD74ACT175
QUADRUPLE D-TYPE FLIP-FLOP
WITH CLEAR
SCHS345 – APRIL 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Contains Four Flip-Flops With Double-Rail
Outputs
D Buffered Inputs
D Speed of Bipolar F, AS, and S, With
Significantly Reduced Power Consumption
D Balanced Propagation Delays
D ±24-mA Output Drive Current
– Fanout to 15 F Devices
D SCR-Latchup-Resistant CMOS Process and
Circuit Design
D Exceeds 2-kV ESD Protection Per
MIL-STD-883, Method 3015
D Applications Include:
– Buffer/Storage Registers
– Shift Registers
– Pattern Generators
description/ordering information
This positive-edge-triggered D-type flip-flop has a direct clear (CLR) input. The CD74ACT175 features
complementary outputs from each flip-flop.
Information at the data (D) inputs meeting the setup time requirements is transferred to the outputs on the
positive-going edge of the clock (CLK) pulse. Clock triggering occurs at a particular voltage level and is not
directly related to the transition time of the positive-going edge of CLK. When CLK is at either the high or low
level, the D input has no effect at the output.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – E
Tube
CD74ACT175E
CD74ACT175E
–55
°C to 125°C
SOIC
M
Tube
CD74ACT175M
ACT175M
SOIC – M
Tape and reel
CD74ACT175M96
ACT175M
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUTS
CLR
CLK
D
Q
Q
L
X
X
L
H
H
↑
HH
L
H
↑
LL
H
H
L
X
Q0
Q0
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
E OR M PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
1Q
1Q
1D
2D
2Q
2Q
GND
VCC
4Q
4Q
4D
3D
3Q
3Q
CLK
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - CD74ACT175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT175 TI-CD74ACT175 Datasheet
35Kb / 7P
Quad D Flip-Flop with Reset
CD74ACT175 TI2-CD74ACT175 Datasheet
945Kb / 19P
CD74ACT175 Quadruple D-type Flip-Flop with Clear
REVISED MAY 2024
CD74ACT175E TI-CD74ACT175E Datasheet
35Kb / 7P
Quad D Flip-Flop with Reset
CD74ACT175E TI2-CD74ACT175E Datasheet
945Kb / 19P
CD74ACT175 Quadruple D-type Flip-Flop with Clear
REVISED MAY 2024
CD74ACT175E.A TI2-CD74ACT175E.A Datasheet
945Kb / 19P
CD74ACT175 Quadruple D-type Flip-Flop with Clear
REVISED MAY 2024
More results

Similar Description - CD74ACT175

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40175B PHILIPS-HEF40175B Datasheet
62Kb / 5P
Quadruple D-type flip-flop
January 1995
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
Quad D-Type Flip-Flop
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
Quad D-Type Flip-Flop
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
Hex D-Type Flip-Flop
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14175B HITACHI-HD14175B Datasheet
65Kb / 5P
Quadruple D-type Flip Flop
logo
Texas Instruments
SN74F175 TI-SN74F175_07 Datasheet
359Kb / 12P
QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
74ACT11175 TI1-74ACT11175 Datasheet
88Kb / 6P
QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR
CD74AC175 TI1-CD74AC175_14 Datasheet
755Kb / 13P
QUADRUPLE D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com