Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83843 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83843
Description  PHYTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83843 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button DP83843 Datasheet HTML 44Page - National Semiconductor (TI) DP83843 Datasheet HTML 45Page - National Semiconductor (TI) DP83843 Datasheet HTML 46Page - National Semiconductor (TI) DP83843 Datasheet HTML 47Page - National Semiconductor (TI) DP83843 Datasheet HTML 48Page - National Semiconductor (TI) DP83843 Datasheet HTML 49Page - National Semiconductor (TI) DP83843 Datasheet HTML 50Page - National Semiconductor (TI) DP83843 Datasheet HTML 51Page - National Semiconductor (TI) DP83843 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 87 page
background image
48
www.national.com
8.0 Register Block (Continued)
12
10BASE-T Full Du-
plex
1, RO/P
10BASE-T Full Duplex Capable:
1 = Device able to perform 10BASE-T in full duplex mode
0 = Device not able to perform 10BASE-T in full duplex mode
11
10BASE-T Half Du-
plex
1, RO/P
10BASE-T Half Duplex Capable:
1 = Device able to perform 10BASE-T in half duplex mode
0 = Device not able to perform 10BASE-T in half duplex mode
10:7
Reserved
0, RO
Reserved: Write as 0, read as 0
6
Preamble
Suppression
1, RO/P
Preamble suppression Capable:
1 = Device able to perform management transaction with pream-
ble suppressed*
0 = Device not able to perform management transaction with pre-
amble suppressed
* Need minimum of 32 bits of preamble after reset.
5
Auto-Negotiation
Complete
0, RO
Auto-Negotiation Complete:
1 = Auto-Negotiation process complete
0 = Auto-Negotiation process not complete
4
Remote Fault
0, RO/LH
Remote Fault:
1 = Remote Fault condition detected (cleared on read or by a chip
reset). Fault criteria is Far End Fault Isolation or notification from
Link Partner of Remote Fault.
0 = No remote fault condition detected
3
Auto-Negotiation
Ability
1, RO/P
Auto Configuration Ability:
1 = Device is able to perform Auto-Negotiation
0 = Device is not able to perform Auto-Negotiation
2
Link Status
0, RO/L
Link Status:
1 = Valid link established (for either 10 or 100 Mb/s operation)
0 = Link not established
The criteria for link validity is implementation specific. The link
status bit is implemented with a latching function, so that the oc-
currence of a link failure condition causes the Link Status bit to
become cleared and remain cleared until it is read via the man-
agement interface.
1
Jabber Detect
0, RO/L
Jabber Detect:
1 = Jabber condition detected
0 = No Jabber
This bit is implemented with a latching function so that the occur-
rence of a jabber condition causes it to become set until it is
cleared by a read to this register by the management interface or
by a Device Reset. This bit only has meaning in 10 Mb/s mode.
0
Extended Capability
1, RO/P
Extended Capability:
1 = Extended register capable
0 = Basic register capable only
Table 7. Basic Mode Status Register (BMSR) Address 01h
(Continued)
Bit
Bit Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com