Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564A Datasheet(PDF) 43 Page - Texas Instruments

Part # DAC8564A
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8564A Datasheet(HTML) 43 Page - Texas Instruments

Back Button DAC8564A Datasheet HTML 39Page - Texas Instruments DAC8564A Datasheet HTML 40Page - Texas Instruments DAC8564A Datasheet HTML 41Page - Texas Instruments DAC8564A Datasheet HTML 42Page - Texas Instruments DAC8564A Datasheet HTML 43Page - Texas Instruments DAC8564A Datasheet HTML 44Page - Texas Instruments DAC8564A Datasheet HTML 45Page - Texas Instruments DAC8564A Datasheet HTML 46Page - Texas Instruments DAC8564A Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
DAC8564
www.ti.com
SBAS403D
– JUNE 2007 – REVISED MAY 2011
Signal-to-Noise plus Distortion (SINAD)
DAC Output Noise
SINAD includes all the harmonic and outstanding
DAC output noise is defined as any voltage deviation
spurious components in the definition of output noise
of DAC output from the desired value (within a
power in addition to quantizing any internal random
particular frequency band). It is measured with a DAC
noise power. SINAD is expressed in dB at a specified
channel kept at midscale while filtering the output
input frequency and sampling rate, fS.
voltage within a band of 0.1Hz to 10Hz and
measuring its amplitude peaks. It is expressed in
DAC Output Noise Density
terms of peak-to-peak voltage (Vpp).
Output
noise
density
is
defined
as
Full-Scale Range (FSR)
internally-generated random noise. Random noise is
characterized as a spectral density (nV/
√Hz). It is
Full-scale range (FSR) is the difference between the
measured by loading the DAC to midscale and
maximum and minimum analog output values that the
measuring noise at the output.
DAC is specified to provide; typically, the maximum
and minimum values are also specified. For an n-bit
DAC, these values are usually given as the values
matching with code 0 and 2n.
Copyright
© 2007–2011, Texas Instruments Incorporated
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com