Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564IAPW Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8564IAPW
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8564IAPW Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC8564IAPW Datasheet HTML 13Page - Texas Instruments DAC8564IAPW Datasheet HTML 14Page - Texas Instruments DAC8564IAPW Datasheet HTML 15Page - Texas Instruments DAC8564IAPW Datasheet HTML 16Page - Texas Instruments DAC8564IAPW Datasheet HTML 17Page - Texas Instruments DAC8564IAPW Datasheet HTML 18Page - Texas Instruments DAC8564IAPW Datasheet HTML 19Page - Texas Instruments DAC8564IAPW Datasheet HTML 20Page - Texas Instruments DAC8564IAPW Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
Time(400ns/div)
AV
=5V
FromCode:7FFFh
ToCode:8000h
Glitch:0.08nV-s
DD
IntV
=2.5V
REF
Time(400ns/div)
AV
=5V
IntV
=2.5V
FromCode:8000h
ToCode:7FFFh
Glitch:0.16nV-s
DD
REF
Time(400ns/div)
AV
=5V
FromCode:8000h
ToCode:8010h
Glitch:0.04nV-s
DD
IntV
=2.5V
REF
Time(400ns/div)
AV
=5V
FromCode:8010h
ToCode:8000h
Glitch:0.08nV-s
DD
IntV
=2.5V
REF
Time(400ns/div)
AV
=5V
FromCode:8000h
ToCode:8100h
Glitch:NotDetected
DD
IntV
=2.5V
REF
Time(400ns/div)
AV
=5V
FromCode:8100h
ToCode:8000h
Glitch:NotDetected
DD
IntV
=2.5V
REF
DAC8564
www.ti.com
SBAS403D
– JUNE 2007 – REVISED MAY 2011
TYPICAL CHARACTERISTICS: DAC at AVDD = 5V (continued)
At TA = +25°C, external reference used, DAC output not loaded, and all DAC codes in straight binary data format, unless
otherwise noted.
GLITCH ENERGY:
GLITCH ENERGY:
5V, 1LSB STEP, RISING EDGE
5V, 1LSB STEP, FALLING EDGE
Figure 48.
Figure 49.
GLITCH ENERGY:
GLITCH ENERGY:
5V, 16LSB STEP, RISING EDGE
5V, 16LSB STEP, FALLING EDGE
Figure 50.
Figure 51.
GLITCH ENERGY:
GLITCH ENERGY:
5V, 256LSB STEP, RISING EDGE
5V, 256LSB STEP, FALLING EDGE
Figure 52.
Figure 53.
Copyright
© 2007–2011, Texas Instruments Incorporated
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com