Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8564ICPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8564ICPW
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8564ICPW Datasheet(HTML) 1 Page - Texas Instruments

  DAC8564ICPW Datasheet HTML 1Page - Texas Instruments DAC8564ICPW Datasheet HTML 2Page - Texas Instruments DAC8564ICPW Datasheet HTML 3Page - Texas Instruments DAC8564ICPW Datasheet HTML 4Page - Texas Instruments DAC8564ICPW Datasheet HTML 5Page - Texas Instruments DAC8564ICPW Datasheet HTML 6Page - Texas Instruments DAC8564ICPW Datasheet HTML 7Page - Texas Instruments DAC8564ICPW Datasheet HTML 8Page - Texas Instruments DAC8564ICPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
DAC8564
24-BitShiftRegister
SYNC
SCLK
D
IN
DataBufferA
DACRegisterA
DataBufferB
DACRegisterB
DataBufferC
DACRegisterC
DataBufferD
DACRegisterD
Buffer
Control
Register
Control
ControlLogic
2.5V
Reference
Power-Down
ControlLogic
16-BitDAC
16-BitDAC
16-BitDAC
16-BitDAC
V
A
OUT
V
B
OUT
V
C
OUT
V
D
OUT
GND
LDAC
ENABLE
A1
A0
DAC8564
AV
DD
V
REF
REF
H/V
OUT
IOV
DD
V
REFL
DAC8564
www.ti.com
SBAS403D
– JUNE 2007 – REVISED MAY 2011
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/
°C Internal Reference
Check for Samples: DAC8564
1
FEATURES
DESCRIPTION
The
DAC8564
is
a
low-power,
voltage-output,
234
Relative Accuracy: 4LSB
four-channel, 16-bit digital-to-analog converter (DAC).
Glitch Energy: 0.15nV-s
The
device
includes
a
2.5V,
2ppm/
°C
internal
Internal Reference:
reference (enabled by default), giving a full-scale
output voltage range of 2.5V. The internal reference
– 2.5V Reference Voltage (enabled by default)
has an initial accuracy of 0.004% and can source up
– 0.004% Initial Accuracy (typ)
to 20mA at the VREFH/VREFOUT pin. The device is
– 2ppm/°C Temperature Drift (typ)
monotonic,
provides
very
good
linearity,
and
minimizes undesired code-to-code transient voltages
– 5ppm/°C Temperature Drift (max)
(glitch). The DAC8564 uses a versatile 3-wire serial
– 20mA Sink/Source Capability
interface that operates at clock rates up to 50MHz.
Power-On Reset to Zero-Scale
The interface is compatible with standard SPI
™,
QSPI
™, Microwire™, and digital signal processor
Ultra-Low Power Operation: 1mA at 5V
(DSP) interfaces.
Wide Power Supply Range: +2.7V to +5.5V
The DAC8564 incorporates a power-on-reset circuit
16-Bit Monotonic Over Temperature Range
that ensures the DAC output powers up at zero-scale
Settling Time: 10
μs to ±0.003% Full-Scale
and remains there until a valid code is written to the
Range (FSR)
device. The device contains a power-down feature,
Low-Power Serial Interface with
accessed over the serial interface, that reduces the
Schmitt-Triggered Inputs: Up to 50MHz
current consumption of the device to 1.3
μA at 5V.
Power consumption is 2.9mW at 3V, reducing to
On-Chip Output Buffer Amplifier with
1.5
μW
in
power-down
mode.
The
low-power
Rail-to-Rail Operation
consumption, internal reference, and small footprint
1.8V to 5.5V Logic Compatibility
make this device ideal for portable, battery-operated
Temperature Range:
–40°C to +105°C
equipment.
The DAC8564 is drop-in and functionally compatible
APPLICATIONS
with the DAC7564 and DAC8164, and functionally
compatible
with
the
DAC7565,
DAC8165,
and
Portable Instrumentation
DAC8565. All these devices are available in a
Closed-Loop Servo-Control
TSSOP-16 package.
Process Control, PLCs
Data Acquisition Systems
Programmable Attenuation
PC Peripherals
RELATED
DEVICES
16-BIT
14-BIT
12-BIT
Pin and
Functionally
DAC8564
DAC8164
DAC7564
Compatible
Functionally
DAC8565
DAC8165
DAC7565
Compatible
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI, QSPI are trademarks of Motorola, Inc.
3
Microwire is a trademark of National Semiconductor.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2007–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8564ICPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8564ICPW TI-DAC8564ICPW Datasheet
1Mb / 46P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564ICPWR TI-DAC8564ICPWR Datasheet
1Mb / 46P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
More results

Similar Description - DAC8564ICPW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8551IADGKRG4 TI1-DAC8551IADGKRG4 Datasheet
1,009Kb / 26P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
DAC8565ICPWG4 TI1-DAC8565ICPWG4 Datasheet
1Mb / 49P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com