Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC70004 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC70004
Description  Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC70004 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC70004 Datasheet HTML 17Page - Texas Instruments DAC70004 Datasheet HTML 18Page - Texas Instruments DAC70004 Datasheet HTML 19Page - Texas Instruments DAC70004 Datasheet HTML 20Page - Texas Instruments DAC70004 Datasheet HTML 21Page - Texas Instruments DAC70004 Datasheet HTML 22Page - Texas Instruments DAC70004 Datasheet HTML 23Page - Texas Instruments DAC70004 Datasheet HTML 24Page - Texas Instruments DAC70004 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
SDIN
SDO
SCLK
SYNC
SDIN
SDO
SCLK
SYNC
SDIN
SDO
SCLK
SYNC
DACx0004
DACx0004
DACx0004
C
B
A
1
2
32
1
2
SCLK
SYNC
SDIN
32
X
DB31
DB0
DB31
DB0
DB31
DB0
SDO
Read Command
NOP Command
Readback Data
tv
21
DAC80004, DAC70004, DAC60004
www.ti.com
SLASED6B – APRIL 2016 – REVISED JUNE 2016
Product Folder Links: DAC80004 DAC70004 DAC60004
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.1.1.2
Read-Back Mode
The READ command is used to start read-back operation. However, before read-back operation can be initiated,
the SDO pin must be enabled by setting the DSDO bit to '1'; this bit is disabled by default. Read-back operation
is then started by executing a READ command (R/W bit = '1', see Table 3). Bits C3 to C0 select the register to
be read. The remaining data in the command are don’t care bits. During the next SPI operation, the data
appearing on the SDO output are from the previously addressed register. For a read of a single register, a NOP
(No Operation) command (1110) can be used to clock out the data from the selected register on SDO. Multiple
registers can be read if multiple READ commands are issued (see Figure 54).
Figure 54. Read-Back Operation
8.4.1.2 Daisy-Chain Mode
For systems that contain more than one device, the SDO pin can be used to daisy-chain multiple devices
together (see Figure 55). Daisy-chain operation can be useful in system diagnostics and in reducing the number
of serial interface lines. The daisy-chain feature can be enabled by writing a logic '1' to the DSDO bit (see
Table 3); the SDO pin is set to HIZ when the DSDO bit is set to 0.
The first falling edge of SYNC starts the operating cycle. SCLK is continuously applied to the SPI shift register
when SYNC is low. If more than 32 clock pulses are applied, the data ripples out of the shift register and appear
on the SDO line. The data bits are clocked out on the rising edge of SCLK and are valid on the falling edge. By
connecting the SDO pin of the first device to the SDI input of the next device in the chain, a multiple-device
interface is constructed (see Figure 2). Each device in the system requires 32 clock pulses. Therefore, the total
number of clock cycles must equal 32 × N, where N is the total number of DACx0004s in the chain. When the
serial transfer to all devices is complete, SYNC is taken high. This action latches the data from the SPI shift
registers to the device internal registers for each device in the daisy-chain and prevents any further data from
being clocked in. The serial clock can be a continuous or a gated clock. Note that a continuous SCLK source can
only be used if SYNC is held low for the correct number of clock cycles. For gated clock mode, a burst clock
containing the exact number of clock cycles must be used and SYNC must be taken high after the final clock in
order to latch the data.
Figure 55. DACx0004 in Daisy Chain Mode
8.4.1.2.1
SYNC Interrupt – Daisy-Chain Mode
For daisy-chain operation, the SYNC line stays low for at least 32 × N SCLK cycles, where N is the number of
DACx0004s in the daisy chain. If SYNC is brought high before a multiple 32 SCLKs, it acts as an interrupt to the
write sequence; the shift register resets and the write sequence is discarded. Neither an update of the data buffer
contents, DAC register contents, nor a change in the operating mode occurs (see Figure 56).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com