Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBR951L Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # MMBR951L
Description  isc Silicon NPN RF Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MMBR951L Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  MMBR951L Datasheet HTML 1Page - Inchange Semiconductor Company Limited MMBR951L Datasheet HTML 2Page - Inchange Semiconductor Company Limited MMBR951L Datasheet HTML 3Page - Inchange Semiconductor Company Limited MMBR951L Datasheet HTML 4Page - Inchange Semiconductor Company Limited MMBR951L Datasheet HTML 5Page - Inchange Semiconductor Company Limited MMBR951L Datasheet HTML 6Page - Inchange Semiconductor Company Limited MMBR951L Datasheet HTML 7Page - Inchange Semiconductor Company Limited MMBR951L Datasheet HTML 8Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INCHANGE Semiconductor
isc RF Product Specification
5
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
MMBR951L
S-PARAMETER
VCE = 6 V, IC = 30 mA
f (MHz)
S11
S11
S21
S21
S12
S12
S22
S22
100
0.40
–94
33
125
0.03
87
0.58
–42
500
0.30
–162
8.4
90
0.07
84
0.31
–35
1000
0.29
170
4.3
76
0.12
80
0.27
–39
2000
0.24
134
2.3
56
0.23
71
0.33
–48
3000
0.30
101
1.6
41
0.35
66
0.30
–60
VCE = 6 V, IC = 60 mA
f (MHz)
S11
S11
S21
S21
S12
S12
S22
S22
100
0.38
–126
31
116
0.03
74
0.49
–37
500
0.37
–176
7.3
77.6
0.05
84
0.34
–26
1000
0.36
163
3.7
73.4
0.12
84
0.34
–37
2000
0.33
130
2.0
52
0.22
78
0.37
–48
3000
0.38
98
1.4
37
0.34
69
0.34
–62
VCE = 8 V, IC = 5 mA
f (MHz)
S11
S11
S21
S21
S12
S12
S22
S22
100
0.83
–35
13.9
154
0.04
92
0.90
–19
500
0.51
–117
6.7
104
0.08
51
0.55
–38
1000
0.38
–160
3.6
82
0.10
72
0.44
–42
2000
0.31
151
1.9
58
0.20
73
0.46
–47
3000
0.35
110
1.4
41
0.32
71
0.43
–63



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com